Electronic Components Datasheet Search
  English  ▼

X  

BC857S Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BC857S
Description  Multi-Chip Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC857S Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BC857S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC857S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
BC857S
PNP Silicon
Multi-Chip Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
0
50
100
150
200
250
0
100
200
T , AMBIENT TEMPERATURE (
°C)
A
Fig.1,PowerDerating Curve
(see Note 1)
1
10
100
1000
10
100
1
I , COLLECTOR CURRENT (mA)
C
Fig. 2, DC Current Gain vs Collector Current
V
= -5V
CE
T = 25
°C
A
T = -50
°C
A
T = 150
°C
A
0
0.1
0.2
0.3
0.4
0.5
0.1
110
100
1000
I , COLLECTOR CURRENT (mA)
C
Fig. 3, Collector Saturation Voltage vs Collector Current
I / I = 20
CB
T = 150
°C
A
T = 25
°C
A
T = -50
°C
A
10
100
1000
1
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 4, Gain Bandwidth Product vs Collector Current
V
= -5V
CE
T = 25
°C
A
01-Jan-2006 Rev. B
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com