Electronic Components Datasheet Search
  English  ▼

X  

D2011UK Datasheet(PDF) 1 Page - Seme LAB

Part # D2011UK
Description  METAL GATE RF SILICON FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D2011UK Datasheet(HTML) 1 Page - Seme LAB

  D2011UK Datasheet HTML 1Page - Seme LAB D2011UK Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D2011UK
Prelim. 9/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
PD
Power Dissipation
BVDSS
Drain – Source Breakdown Voltage
BVGSS
Gate – Source Breakdown Voltage
ID(sat)
Drain Current
Tstg
Storage Temperature
Tj
Maximum Operating Junction Temperature
70W
65V
±20V
8A
–65 to 150°C
200°C
MECHANICAL DATA
A
F
E
B
D
C
G
H
I
P
M
N
O
J
K
L
1
2
3
4
5
6
7
8
Q
R
GOLD METALLISED
MULTI-PURPOSE SILICON
DMOS RF FET
10W – 28V – 1GHz
SINGLE ENDED
FEATURES
• SIMPLIFIED AMPLIFIER DESIGN
• SUITABLE FOR BROAD BAND APPLICATIONS
•LOW Crss
• LOW NOISE
• HIGH GAIN
PIN 1 Source
PIN 2 Drain
PIN 3 Drain
PIN 4 Source
PIN 5 Source
PIN 6 Gate
PIN 7 Gate
PIN 8 Source
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
APPLICATIONS
• HF/VHF/UHF COMMUNICATIONS
from 1 MHz to 2 GHz
METAL GATE RF SILICON FET
TetraFET
DBC3 Package
DIM
mm
Tol.
Inches
Tol.
A
6.47
0.08
.255
.003
B
0.76
0.08
.030
.003
C
45°
5°
45
°
5°
D
0.76
0.08
.030
.003
E
1.14
0.08
.045
.003
F
2.67
0.08
.105
.003
G
11.73
0.13
.462
.005
H
8.43
0.08
.332
.003
I
7.92
0.08
.312
.003
J
0.20
0.02
.008
.001
K
0.64
0.02
.025
.001
L
0.30
0.02
.012
.001
M
3.25
0.08
.128
.003
N
2.11
0.08
.083
.003
O
6.35SQ
0.08
.250SQ
.003
P
1.65
0.51
.065
.020
Q
0.13
max
.005
max
R
0.25
0.07
0.010
.003


Similar Part No. - D2011UK

ManufacturerPart #DatasheetDescription
logo
G.M. International
D2011 GMI-D2011 Datasheet
282Kb / 2P
Intrinsically Safe Analog-Temperature Multiplexer Expander DIN-Rail Model D2011M
D2011M GMI-D2011M Datasheet
282Kb / 2P
Intrinsically Safe Analog-Temperature Multiplexer Expander DIN-Rail Model D2011M
More results

Similar Description - D2011UK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1004UK SEME-LAB-D1004UK Datasheet
35Kb / 4P
METAL GATE RF SILICON FET
D1011UK SEME-LAB-D1011UK Datasheet
16Kb / 2P
METAL GATE RF SILICON FET
D1015UK SEME-LAB-D1015UK Datasheet
60Kb / 4P
METAL GATE RF SILICON FET
D1016UK SEME-LAB-D1016UK Datasheet
49Kb / 4P
METAL GATE RF SILICON FET
D1017UK SEME-LAB-D1017UK Datasheet
223Kb / 5P
METAL GATE RF SILICON FET
D1031UK SEME-LAB-D1031UK Datasheet
15Kb / 2P
METAL GATE RF SILICON FET
D1082UK SEME-LAB-D1082UK Datasheet
20Kb / 2P
METAL GATE RF SILICON FET
D1084UK SEME-LAB-D1084UK Datasheet
19Kb / 2P
METAL GATE RF SILICON FET
D1211UK SEME-LAB-D1211UK Datasheet
16Kb / 2P
METAL GATE RF SILICON FET
D5012UK SEME-LAB-D5012UK Datasheet
31Kb / 2P
METAL GATE RF SILICON FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com