Electronic Components Datasheet Search
  English  ▼

X  

BCP772 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCP772
Description  General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCP772 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCP772 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCP772 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PD
(TC=25 )
C
o
1.2
W
Collector to Base Voltage
Emitter to Base Voltage
Collect Current
Total Power Dissipation
Operating Junction and Storage Temperature Range
A
V
V
V
IC
C
VCBO
VCEO
Tj, Tstg
-40
-30
5.
3
-55~+150
Symbol
Ratings
Unit
o
Collector to Emitter Voltage
VEBO
-
-
Parameter
ELECTRICAL CHARACTERISTICS Tamb=25
unless otherwise specified
Parameter
Symbol
Min
Typ.
Max
Uni
Test Conditions
Collector-Base Breakdown Voltage
BVCBO
-
-
V
IC=-100µA
IC=-1mA
IE=-10µA
VCB=-30V
IC=-
VCE=- V, IC=-
VCE=- V, IC=- 20mA,f=100MHz
VCB=-10 , f=1MHz
BVCEO
-30
-
-
V
BVEBO
-
-
V
ICBO
-
-
-1
uA
-0.3
-2
-0.5
-1
VCE(sat)
-
hFE1
hFE2
fT
-
MH
Cob
-
pF
z
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
Collector-Base Cutoff Current
Collector Saturation Voltage
DC Current Gain
Gain-Bandwidth Product
Output Capacitance
t
-40
-5
100
V
2 A,IB=-0.2A
2
20mA
VCE=-2 V, IC=-1 A
5
V
C
160
30
-
80
55
500
-
Base Satruation Voltage
VBE(sat)
V
-
-
-
IC=- 2A,IB=-0.2A
o
IEBO
Emitter-Base Cutoff Current
VBE=-3 V
-
-
-1
uA
o
Absolute Maximum Ratings at TA=25 C (unless otherwise specified)
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
01-Jun-2002 Rev. A
Page 1 of
2
Elektronische Bauelemente
BCP772
PNP Epitaxial Planar
General Purpose Transistor
Description
The BCP772 is designed for using in output stage of amplifier,
voltage regulator, DC-DC converter and relay driver.
Classification of hFE2
Rank
Q
P
E
100~200
250~500
160~320
Range
SOT-89
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.4
4.6
G
3.00 REF.
B
4.05
4.25
H
1.50 REF.
C
1.50
1.70
I
0.40
0.52
D
1.30
1.50
J
1.40
1.60
E
2.40
2.60
K
0.35
0.41
F
0.89
1.20
L
5 q TYP.
M
0.70 REF.


Similar Part No. - BCP772

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCP772 SECOS-BCP772 Datasheet
256Kb / 2P
PNP Plastic Encapsulated Transistor
BCP772-GR SECOS-BCP772-GR Datasheet
256Kb / 2P
PNP Plastic Encapsulated Transistor
BCP772-GR-C SECOS-BCP772-GR-C Datasheet
256Kb / 2P
PNP Plastic Encapsulated Transistor
BCP772-O SECOS-BCP772-O Datasheet
256Kb / 2P
PNP Plastic Encapsulated Transistor
BCP772-O-C SECOS-BCP772-O-C Datasheet
256Kb / 2P
PNP Plastic Encapsulated Transistor
More results

Similar Description - BCP772

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
ON Semiconductor
MMBT2907AWT1G ONSEMI-MMBT2907AWT1G Datasheet
89Kb / 3P
General Purpose Transistor
February, 2011 ??Rev. 5
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com