Electronic Components Datasheet Search
  English  ▼

X  

D2012UK Datasheet(PDF) 3 Page - Seme LAB

Part # D2012UK
Description  METAL GATE RF SILICON FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D2012UK Datasheet(HTML) 3 Page - Seme LAB

  D2012UK Datasheet HTML 1Page - Seme LAB D2012UK Datasheet HTML 2Page - Seme LAB D2012UK Datasheet HTML 3Page - Seme LAB D2012UK Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D2012UK
Prelim. 12/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk









3LQ:










3RXW
:










*DLQ
G%
3RXW
JDLQ
I 0+]
,GT $
9GV 9









3LQ:










3RXW
:










(IILFLHQF\

3RXW
(IILFLHQF\
I 0+]
,GT $
9GV 9






3RXW:3(3









,0'
G%F
,0'
I 0+]
I 0+]
9GV 9
,GT $
Figure 1
Output Power and Gain vs. Input Power
Figure 2
Output Power and Efficiency vs. Input Power
Figure 3
Output Power and Efficiency vs. Input Power
OPTIMUM SOURCE AND LOAD IMPEDANCE
Frequency
ZS
ZL
MHz
ΩΩ
1000
5.0 - j7.2
2.4 - j7.1
!Freq
S11
S21
S12
S22
!MHz
mag
ang
mag
ang
mag
ang
mag
ang
100
0.841
-122
24.547
98
0.01318
13
0.49
-94
200
0.871
-146
11.482
69
0.01
0
0.61
-125
300
0.891
-156
6.683
52
0.00653
10
0.708
-137
400
0.902
-163
4.365
40
0.00596
49
0.767
-146
500
0.923
-170
3.055
27
0.00891
71
0.813
-155
600
0.933
-174
2.113
22
0.01349
79
0.851
-165
700
0.955
-175
1.758
19
0.01862
85
0.881
-166
800
0.955
-177
1.413
12
0.02344
82
0.902
-170
900
0.966
179
1.161
5
0.02851
80
0.902
-177
1000
0.955
177
0.944
3
0.03236
80
0.902
-179
!
Vds=28V, Idq=0.8A
#
MHz SMAR50
Typical S Parameters



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com