Electronic Components Datasheet Search
  English  ▼

X  

BCPA94 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCPA94
Description  PNP Silicon Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCPA94 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCPA94 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCPA94 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCPA94
-0.5 A, -400 V
PNP Silicon Epitaxial Planar Transistor
Elektronische Bauelemente
11-Jun-2010 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A94

C
E
B
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The BCPA94 is designed for application requires high voltage.
FEATURES
High Voltage:VCEO=400V (min) at IC=1mA
High Current gain:IC=300mA at 25°C
Complementary with BCPA44
MARKING
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
-400
V
Collector-Emitter Voltage
VCEO
-400
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current (DC)
IC
-0.5
A
Total Power Dissipation
PD
1
W
Junction & Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
-400
-
-
V
IC= -100A, IE=0
Collector-emitter breakdown voltage
V(BR)CEO
-400
-
-
V
IC= -1mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
-6
-
-
V
IE= -100A, IC=0
Collector cut-off current
ICBO
-
-
-100
nA
VCB= -400V, IE=0
Collector-emitter current
ICES
-
-
-500
nA
VCE= -400V, VBE=0
Emitter cut-off current
IEBO
-
-
-100
nA
VEB= -6V, IC=0
DC current gain *
hFE1
40
-
-
VCE= -10V, IC= -1mA
hFE2
50
-
300
VCE= -10V, IC= -10mA
hFE3
45
-
-
VCE= -10V, IC= -50mA
hFE4
20
-
-
VCE= -10V, IC= -100mA
Collector-emitter saturation voltage *
VCE(sat)1
-
-
-350
mV
IC= -1mA, IB= -0.1mA
VCE(sat)2
-
-
-500
IC= -10mA, IB= -1mA
VCE(sat)3
-
-
-750
IC= -50mA, IB= -5mA
Base-emitter saturation voltage *
VBE(sat)
-
-
-750
mV
IC= -10mA, IB= -1mA
* Pulse Test: Pulse Width ≦ 380μs, Duty Cycle≦2%
Date Code
SOT-89


Similar Part No. - BCPA94

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94_15 Datasheet
414Kb / 2P
PNP Plastic Encapsulated Transistor
More results

Similar Description - BCPA94

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com