Electronic Components Datasheet Search
  English  ▼

X  

BCX19 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCX19
Description  Plastic-Encapsulate Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCX19 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCX19 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Any changing of specification will not be informed individual
BCX19
NPN Silicon
Plastic-Encapsulate Transistor
Power dissipation
Collector Current
ICM : 0.5 A
Collector-base voltage
V(BR)CBO : 50 V
Operating & storage junction temperature
Tj, Tstg : - 55OC ~ + 150OC
PCM : 0.225 W (Tamb=25OC)
n
n
n
n
RoHS Compliant Product
n
SOT-23
FEATURES
Collector
3
1
Base
2
Emitter
http://www.SeCoSGmbH.com
Elektronische Bauelemente
1
2
3
ELECTRICAL CHARACTERISTICS(Tamb=25 C unless o
o
therwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 10
µA, IE=0
50
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic =10 mA, IB=0
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10
µA, IC=0
5
V
Collector cut-off current
ICBO
VCB=20V, IE=0
0.1
µA
Collector cut-off current
ICEO
VCE=20V, IB=0
0.1
µA
Emitter cut-off current
IEBO
VEB= 5V, IC=0
10
µA
DC current gain
hFE
VCE=1V, IC=100mA
600
Collector-emitter saturation voltage
VCE(sat)
IC=500mA,IB= 50mA
0.62
V
Base-emitter saturation voltage
VBE(on
IC=500mA,VCE=1V
1.2
V
)
45
100
MARKING
BCX19 = U1
01-Jun-2002 Rev. A
Page 1 of 1
1. 3
2. 4
Unit: millimeter
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BCX19

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX19 PHILIPS-BCX19 Datasheet
42Kb / 8P
NPN general purpose transistor
1999 Apr 12
logo
Zetex Semiconductors
BCX19 ZETEX-BCX19 Datasheet
36Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Fairchild Semiconductor
BCX19 FAIRCHILD-BCX19 Datasheet
44Kb / 3P
NPN Medium Power Transistor
logo
KEC(Korea Electronics)
BCX19 KEC-BCX19 Datasheet
122Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Diotec Semiconductor
BCX19 DIOTEC-BCX19 Datasheet
176Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BCX19

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SD2403Q SECOS-2SD2403Q Datasheet
297Kb / 2P
Plastic-Encapsulate Transistor
BCX70J SECOS-BCX70J Datasheet
446Kb / 3P
Plastic-Encapsulate Transistor
BFS20 SECOS-BFS20 Datasheet
104Kb / 1P
Plastic-Encapsulate Transistor
C945T SECOS-C945T Datasheet
524Kb / 2P
Plastic-Encapsulate Transistor
MPSA06 SECOS-MPSA06 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistor
BCX19 SECOS-BCX19_15 Datasheet
308Kb / 1P
Plastic-Encapsulate Transistor
BCX70J SECOS-BCX70J_15 Datasheet
446Kb / 3P
Plastic-Encapsulate Transistor
BCX70K SECOS-BCX70K_15 Datasheet
473Kb / 3P
Plastic-Encapsulate Transistor
BFS20 SECOS-BFS20_15 Datasheet
104Kb / 1P
Plastic-Encapsulate Transistor
MPSA06 SECOS-MPSA06_15 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com