Electronic Components Datasheet Search
  English  ▼

X  

BD439 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BD439
Description  Plastic Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BD439 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BD439 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BD439 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-Jun-2002 Rev. A
Page 1 of
2
01
Elektronische Bauelemente
BD439/BD441
NPN Type
Plastic Encapsulate Transistors
TO-126
8.0±0.2
1: Emitter
2: Collector
3: Base
4.14±0.1
11.0±0.2
1.4±0.1
15.3±0.2
1.27±0.1
2.28 Typ.
4.55±0.1
0.5±0.1
2.0±0.2
3.2±0.2
1
2
3
0.76±0.1
Dimensions in Millimeters
O2.8±0.1
O
3.2±0.1
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Features
* Amplifier and switching applications
MAXIMUM RATINGS* TA=25
unless otherwise noted
Symbol
mete
Value
Units
VCBO
Collector-Base Voltage
BD439
BD441
60
80
V
VCEO
Collector-Emitter Voltage
BD439
BD441
60
80
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current –Continuous
4
A
PC
Collector Dissipation
1.25
W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
Para
C
o
C
o
C
o
ELECTRICAL
CHARACTERISTICS(Tamb=25℃
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=
100μA,IE=0
BD439
BD441
60
80
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
100mA,IB=0
BD439
BD441
60
80
V
Emitter-base breakdown voltage
V(BR)EBO
IE=
100μA,IC=0
5
V
Collector cut-off current
ICBO
VCB=60V,IE=0
BD439
VCB=80V,IE=0
BD441
100
μ
A
Emitter cut-off current
IEBO
VEB=
5V,IE=0
1
mA
hFE(1)
VCE=
1V,IC=500mA
40
475
hFE(2)
VCE=
5V,IC=10mA
BD439
BD441
20
15
DC current gain
hFE(3)
VCE=
1V,IC=2A
BD439
BD441
25
15
Collector-emitter saturation voltage
VCE(sat)
IC=3A,IB=0.3A
0.8
V
Base-emitter voltage
VBE
VCE=
1V,IC=2A
1.1
V
Transition frequency
fT
VCE=
1V,IC=250mA
3
MHz
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BD439

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD439 STMICROELECTRONICS-BD439 Datasheet
69Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
May-1997
logo
Fairchild Semiconductor
BD439 FAIRCHILD-BD439 Datasheet
41Kb / 4P
Medium Power Linear and Switching Applications
logo
ON Semiconductor
BD439 ONSEMI-BD439 Datasheet
63Kb / 4P
Plastic Medium Power Silicon NPN Transistor
June, 2004 ??Rev. 13
logo
STMicroelectronics
BD439 STMICROELECTRONICS-BD439 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Dec-2000
logo
TRANSYS Electronics Lim...
BD439 TEL-BD439 Datasheet
70Kb / 3P
EPITAXIAL SILICON POWER TRANSISTORS
More results

Similar Description - BD439

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com