Electronic Components Datasheet Search
  English  ▼

X  

BL817 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BL817
Description  High Density Mounting Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BL817 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BL817 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BL817 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BL817 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH BL817 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BL817
0.05A , 70V , 150mW
High Density Mounting Type Photocoupler
Elektronische Bauelemente
23-Feb-2011 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The BL817 Series of devices each consist
of an infrared Emitting diodes, optically coupled
to a phototransistor detector. They are packaged
in a 4-pin DIP package and available in Wide-lead
spacing and SMD option.
FEATURES
Current transfer ratio
(CTR:50%~600% @ IF=5mA, VCE=5V)
High isolation voltage between input
and output (Viso = 5000V rms)
Creepage distance > 7.62mm
APPLICATIONS
Programmable controllers
System appliances, measuring instruments
Telecommunication equipments
Home appliances, such as fan heaters, etc.
Signal transmission between circuits of different
potentials and impedances
RANK TABLE OF CURRENT TRANSFER RATIO CTR
Product-Rank
BL817-L
BL817-A
BL817-B
BL817-C
BL817-D
BL817
Range(%)
50~100
80~160
130~260
200~400
300~600
50~600
Note:
1.
Conditions:IF=5mA, VCE=5V, TA=25°C
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min..
Max
A
6.30
6.70
H
2.60
3.00
B
4.40
4.80
J
0.20
0.30
C
7.35
7.70
K
8.65
9.35
D
3.20
3.75
L
0.50 TYP.
E
2°
8°
M
2.35
2.70
F
1.25 TYP.
N
0.40 TYP.
DIP4
Top View
B
H
J
F
A
C
K
E
M
L
D
N


Similar Part No. - BL817

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BL817S SECOS-BL817S Datasheet
589Kb / 4P
High Density Mounting Type Photocoupler
More results

Similar Description - BL817

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817A SHARP-PC817A Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
PC818 SHARP-PC818 Datasheet
66Kb / 4P
High Density Mounting Type Photocoupler
PC829 SHARP-PC829 Datasheet
79Kb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV817 LITEON-LTV817 Datasheet
747Kb / 5P
HIgh Density Mounting Type Photocoupler
LTV-819 LITEON-LTV-819 Datasheet
717Kb / 5P
High Density Mounting Type Photocoupler
logo
SeCoS Halbleitertechnol...
BL817S SECOS-BL817S Datasheet
589Kb / 4P
High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-817_V1 TENAND-LTV-817_V1 Datasheet
1Mb / 5P
High Density Mounting Type Photocoupler
LTV-819 TENAND-LTV-819 Datasheet
819Kb / 5P
High Density Mounting Type Photocoupler
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
High Density Mounting Type Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com