Electronic Components Datasheet Search
  English  ▼

X  

C945T Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # C945T
Description  Plastic-Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

C945T Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  C945T Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH C945T Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
C945
T
NPN Silicon
Plastic-Encapsulate Transistor
Elektronische Bauelemente
FEATURES
Low noise
Excellent h
Complementary to A73
3T
Noise Figure
NF
VCE=6V, IC=0.1mA,
RG=10 KΩ, f=kMHz
10
dB
FE linearity
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
Parameter
Symbol
Value
Units
1 2
TO-92
1. EMITTER
2.
BASS
COLLECTOR
3.
1
2
3
3
01-Jun-2005 Rev. B
Page 1 of 2
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current Continuous
IC
150
mA
Collector Power Dissipation
PC
400
mW
Junction, Storage Temperature
TJ, TSTG
125, -55~125
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Collector-Base Breakdown Voltage
V(BR)CBO
IC = 1mA, IE = 0
60
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = 100μA, IB = 0
50
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE = 100mA, IC = 0
5
V
Collector Cut-off Current
ICBO
VCB = 60V, IE = 0
0.1
μA
Collector Cut-off Current
ICEO
VCE = 45V
0.1
μA
Emitter Cut-off Current
IEBO
VEB = 5V, IC = 0
0.1
μA
hFE(1)
VCE = 6V, IC = 1mA
70
700
DC Current Gain
hFE(2)
VCE = 6V, IC = 0.1mA
40
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 100mA, IB = 10mA
0.3
V
Base-Emitter Saturation Voltage
VBE(sat)
IC = 100mA, IB = 10mA
1
V
Collector Power Dissipation
Cob
VCB = 10V, IE = 0, f = 1MHz
3.0
pF
Transition Frequency
fT
VCE=6V, IC=10mA, f=30MHz
200
MHz
CLASSIFICATION OF hFE
Rank
O
Y
GR
BL
Range
70-140
120-240
200-400
350-700
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - C945T

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
C945T SECOS-C945T_15 Datasheet
501Kb / 2P
Plastic-Encapsulate Transistor
More results

Similar Description - C945T

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SD2403Q SECOS-2SD2403Q Datasheet
297Kb / 2P
Plastic-Encapsulate Transistor
BCX19 SECOS-BCX19 Datasheet
308Kb / 1P
Plastic-Encapsulate Transistor
BCX70J SECOS-BCX70J Datasheet
446Kb / 3P
Plastic-Encapsulate Transistor
BFS20 SECOS-BFS20 Datasheet
104Kb / 1P
Plastic-Encapsulate Transistor
MPSA06 SECOS-MPSA06 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistor
BCX19 SECOS-BCX19_15 Datasheet
308Kb / 1P
Plastic-Encapsulate Transistor
BCX70J SECOS-BCX70J_15 Datasheet
446Kb / 3P
Plastic-Encapsulate Transistor
BCX70K SECOS-BCX70K_15 Datasheet
473Kb / 3P
Plastic-Encapsulate Transistor
BFS20 SECOS-BFS20_15 Datasheet
104Kb / 1P
Plastic-Encapsulate Transistor
MPSA06 SECOS-MPSA06_15 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com