Electronic Components Datasheet Search
  English  ▼

X  

CZD2983 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # CZD2983
Description  NPN Epitaxial Planar Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

CZD2983 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  CZD2983 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH CZD2983 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH CZD2983 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CZD2983
NPN Epitaxial Planar Silicon Transistor
Elektronische Bauelemente
03-Sep-2010 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ. Max. Unit
Test Conditions
Collector-base breakdown voltage
BVCBO
160
-
-
V
IC= 1mA, IE=0
Collector-emitter breakdown voltage
BVCEO
160
-
-
V
IC= 10mA, IB=0
Emitter-base breakdown voltage
BVEBO
5
-
-
V
IE= 1mA, IC=0
Collector cut-off current
ICBO
-
-
1
A
VCB= 160V, IE=0
Emitter cut-off current
IEBO
-
-
1
A
VEB= 5V, IC=0
Collector-emitter saturation voltage
VCE(sat) *
-
-
1.5
V
IC= 500mA, IB= 50mA
Base-emitter saturation voltage
VBE(on) *
-
-
1.0
V
VCE= 5V, IC= 500mA
*DC current gain
hFE *
70
-
240
VCE= 5V, IC= 100mA
Transition frequency
fT
-
100
-
MHz
VCE= 10V, IC= 100mA
Output Capacitance
COB
-
25
-
pF
VCB=10V, IE=0, f=1MHz
*Measured under pulse condition. Pulse width ≦ 300μs, Duty Cycle ≦ 2%
CLASSIFICATION OF hFE
Rank
O
Y
Range
70 ~ 140
120 ~ 240



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com