Electronic Components Datasheet Search
  English  ▼

X  

D15SB10 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # D15SB10
Description  Molding Single-Phase Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

D15SB10 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  D15SB10 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH D15SB10 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D15SB10 ~ D15SB100
100 ~ 1000 V
15.0 Amp High Current Glass Passivated
Molding Single-Phase Bridge Rectifier
Elektronische Bauelemente
06-Aug-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Plastic Package has Underwriters
Laboratory Flammability Classification 94V-0
High current capacity with small package
Glass passivated chip junctions
Superior thermal conductivity
High IFSM
MAXIMUM RATINGS (TA=25℃ unless otherwise noted)
PARAMETERS
SYMBOL
PART NUMBERS
UNITS
D15SB
10
D15SB
20
D15SB
40
D15SB
60
D15SB
80
D15SB
100
Maximum repetitive voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
100
200
400
600
800
1000
V
Maximum DC reverse current at
rated DC blocking voltage
@TA=25°C
IR
10
A
@TA=125°C
500
Maximum average
forward rectified
output current at
With heatsink TC=100°C
IO
15
A
Without heatsink TA=25°C
3.5
Peak Forward Surge Current, 8.3ms single
half sine-wave superimposed on rated load
IFSM
250
A
Rating of fusing (t < 8.3ms)
l2t
240
A2sec
Maximum Instantaneous
Forward Voltage @ 7.5A
VF
1.0
V
Dielectric strength terminals to case, AC 1
minute Current 1mA
Vdia
2.5
KV
Maximum thermal on P.C.B without heat-sink
RθJA
23
°C / W
Resistance per leg on AI plate heat-sink
RθJC
1.5
Operating and Storage Temperature Range
TJ , TSTG
150 , -55 ~ 150
°C
Mounting torque
Tor
Rating Torque:0.8
N.m
D5-25SB
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
29.7
30.3
K
2.6
2.8
B
19.7
20.3
L
7.3
7.7
C4.4
4.8
N2.3
2.7
D
17.0
18.0
P
0.9
1.1
E
0.6
0.8
O
2.0
2.4
G
5 REF.
R
3 X 45°
J
3.4
3.8
S
9.8
10.2
F
3.3
3.7
H
10.8
11.2
G
M
L
S
L
O
N
R
P
B
H
F
J
C
K
E
D
A


Similar Part No. - D15SB10

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
D15SB10 SSE-D15SB10 Datasheet
16Kb / 1P
SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
logo
Leshan Radio Company
D15SB10 LRC-D15SB10 Datasheet
62Kb / 2P
15A(SIP) BRIDGE RECTIFIERS
D15SB10 LRC-D15SB10 Datasheet
262Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Shanghai Sunrise Electr...
D15SB100 SSE-D15SB100 Datasheet
16Kb / 1P
SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
logo
Leshan Radio Company
D15SB100 LRC-D15SB100 Datasheet
62Kb / 2P
15A(SIP) BRIDGE RECTIFIERS
More results

Similar Description - D15SB10

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
D3SB10 SECOS-D3SB10 Datasheet
478Kb / 2P
Molding Single-Phase Bridge Rectifier
D4SB10 SECOS-D4SB10 Datasheet
332Kb / 2P
Molding Single-Phase Bridge Rectifier
D5SB10 SECOS-D5SB10 Datasheet
392Kb / 2P
Molding Single-Phase Bridge Rectifier
D10SB10 SECOS-D10SB10 Datasheet
392Kb / 2P
Molding Single-Phase Bridge Rectifier
D20SB10 SECOS-D20SB10 Datasheet
398Kb / 2P
Molding Single-Phase Bridge Rectifier
GBPC3501 SECOS-GBPC3501 Datasheet
345Kb / 2P
Molding Single-Phase Bridge Rectifier
GBU6A SECOS-GBU6A Datasheet
201Kb / 2P
Molding Single-Phase Bridge Rectifier
GBU10B SECOS-GBU10B Datasheet
330Kb / 2P
Molding Single-Phase Bridge Rectifier
GBU15B SECOS-GBU15B Datasheet
373Kb / 2P
Molding Single-Phase Bridge Rectifier
GBU25005 SECOS-GBU25005 Datasheet
273Kb / 2P
Molding Single-Phase Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com