Electronic Components Datasheet Search
  English  ▼

X  

D882 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # D882
Description  Plastic Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

D882 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  D882 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH D882 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-Jun-2002 Rev. A
Page 1 of
2
01
Elektronische Bauelemente
D882
NPN Type
TO-126
8.0±0.2
1: Emitter
2: Collector
3: Base
4.14±0.1
11.0±0.2
1.4±0.1
15.3±0.2
1.27±0.1
2.28 Typ.
4.55±0.1
0.5±0.1
2.0±0.2
3.2±0.2
1
2
3
0.76±0.1
Dimensions in Millimeters
O2.8±0.1
O
3.2±0.1
Features
Plastic Encapsulate Transistors
MAXIMUM RATINGS* TA=25 unless otherwise noted
Symbol
meter
Para
Value
Units
VCBO
Collector-Base Voltage
40
30
6
3
V
VCEO
Collector-Emitter Voltage
V
VEBO
Emitter-Base Voltage
V
IC
Collector Current –Continuous
A
PC
Collector Dissipation
1.25
W
Junction and
Tstg
Storage Temperature
-55-150
C
o
TJ,
PD
Total Device Dissipation
1.25
W
C
o
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
ELECTRICAL
CHARACTERISTICS(Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=100uA ,IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 10 mA , IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100 mA ,IC=0
6
V
Collector cut-off current
ICBO
VCB=40 V , IE=0
1
uA
Collector cut-off current
ICEO
VCE=30 V , IB=0
10
uA
Emitter cut-off current
IEBO
VEB=6V ,
IC=0
1
uA
hFE(1)
VCE= 2V, IC= 1A
60
400
DC current gain
hFE(2)
VCE=2V, IC= 100mA
32
Collector-emitter saturation voltage
VCE(sat)
IC=2A, IB= 0.2A
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=2A, IB= 0.2A
1.5
V
Transition frequency
f T
VCE=5 V, IC=0.1mA
f = 10MHz
50
MHz
CLASSIFICATION OF hFE(1)
Rank
R
O
Y
GR
Range
60-120
100-200
160-320
200-400
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - D882

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D882 ETC-D882 Datasheet
1Mb / 1P
TO-126 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
D882 JIANGSU-D882 Datasheet
131Kb / 2P
TRANSISTOR竊?NPN 竊
D882 JIANGSU-D882 Datasheet
1,017Kb / 3P
TRANSISTOR竊뉿PN竊
logo
Stanson Technology
D882 STANSON-D882 Datasheet
22Kb / 1P
PNP TRANSISTOR
logo
List of Unclassifed Man...
D882 ETC1-D882 Datasheet
28Kb / 1P
SI NPN TRANSISTOR
More results

Similar Description - D882

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
BCX38 JIANGSU-BCX38 Datasheet
383Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com