Electronic Components Datasheet Search
  English  ▼

X  

D965 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # D965
Description  NPN General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

D965 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  D965 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH D965 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D965
NPN General Purpose Transistor
Elektronische Bauelemente
17-Nov-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
E
K
F
D
B
G
H
J

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
Audio amplifier
Flash unit of camera
Switching circuit
CLASSIFICATION OF hFE(2)
Rank
R
T
V
Range
340 - 600
560 - 950
900 - 2000
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector - Base Voltage
VCBO
42
V
Collector - Emitter Voltage
VCEO
22
V
Emitter - Base Voltage
VEBO
6
V
Collector Current -Continuous
IC
5
A
Cpllector Power Dissipation
PC
750
mW
Junction, Storage Temperature
TJ, TSTG
+150, -55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector - Base Breakdown Voltage
V(BR)CBO
42
-
-
V
IC = 0.1mA, IE = 0
Collector - Emitter Breakdown Voltage
V(BR)CEO
22
-
-
V
IC = 1 mA, IB = 0
Emitter - Base Breakdown Voltage
V(BR)EBO
6
-
-
V
IE = 10 μA, IC = 0
Collector Cut - Off Current
ICBO
-
-
0.1
A
VCB = 30V, IE = 0
Emitter Cut - Off Current
IEBO
-
-
0.1
A
VEB = 6V, IC = 0
DC Current Gain
hFE(1)
150
-
-
VCE = 2V, IC = 0.15 mA
hFE(2)
340
-
2000
VCE = 2V, IC = 500 mA
hFE(3)
150
-
-
VCE = 2V, IC = 2A
Collector - Emitter Saturation Voltage
VCE(sat)
-
-
0.35
V
IC = 3000mA, IB = 100 mA
Transition Frequency
f T
-
150
-
MHz
VCE = 6V, IC = 50 mA, f = 30MHz
TO-92
REF.
Millimeter
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G1.27 TYP.
H1.10
-
J
2.42
2.66
K
0.36
0.76
Emitter
Collector
Base


Similar Part No. - D965

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
D965 JIANGSU-D965 Datasheet
530Kb / 3P
TRANSISTOR竊?NPN 竊
logo
Stanson Technology
D965 STANSON-D965 Datasheet
80Kb / 1P
NPN TRANSISTOR
logo
Daya Electric Group Co....
D965 DAYA-D965 Datasheet
122Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
D965 WINNERJOIN-D965 Datasheet
125Kb / 1P
TRANSISTOR (NPN)
logo
GUANGDONG HOTTECH INDUS...
D965 HOTTECH-D965 Datasheet
980Kb / 2P
Plastic-Encapsulate Transistors
More results

Similar Description - D965

ManufacturerPart #DatasheetDescription
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
NPN General Purpose Transistor
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
NPN general purpose transistor
logo
SeCoS Halbleitertechnol...
2N3904 SECOS-2N3904_10 Datasheet
383Kb / 3P
NPN General Purpose Transistor
logo
Rohm
SST6838 ROHM-SST6838_05 Datasheet
80Kb / 4P
NPN general purpose transistor
SSTA28 ROHM-SSTA28_05 Datasheet
79Kb / 3P
NPN general purpose transistor
logo
Leshan Radio Company
LNST3904F3T5G LRC-LNST3904F3T5G_15 Datasheet
202Kb / 4P
NPN General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMST5551 BILIN-MMST5551_14 Datasheet
173Kb / 4P
NPN General Purpose Transistor
Rev.A
2SC4617 BILIN-2SC4617 Datasheet
160Kb / 4P
NPN general purpose Transistor
Rev.A
MMBT5551 BILIN-MMBT5551_13 Datasheet
158Kb / 4P
NPN General Purpose Transistor
logo
Rohm
SSTA06HZG ROHM-SSTA06HZG Datasheet
1Mb / 9P
NPN General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com