Electronic Components Datasheet Search
  English  ▼

X  

D2212 Datasheet(PDF) 1 Page - Seme LAB

Part # D2212
Description  METAL GATE RF SILICON FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D2212 Datasheet(HTML) 1 Page - Seme LAB

  D2212 Datasheet HTML 1Page - Seme LAB D2212 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D2212UK
Prelim. 12/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
PD
Power Dissipation
BVDSS
Drain – Source Breakdown Voltage
BVGSS
Gate – Source Breakdown Voltage
ID(sat)
Drain Current
Tstg
Storage Temperature
Tj
Maximum Operating Junction Temperature
42W
40V
±20V
4A
–65 to 150°C
200°C
MECHANICAL DATA
G
K
M
J
I
E
D
(2 pls)
C
N
(typ)
A
B
F
(2 pls)
H
1
2
3
GOLD METALLISED
MULTI-PURPOSE SILICON
DMOS RF FET
10W – 12.5V – 1GHz
SINGLE ENDED
FEATURES
• SIMPLIFIED AMPLIFIER DESIGN
• SUITABLE FOR BROAD BAND APPLICATIONS
•LOW Crss
• SIMPLE BIAS CIRCUITS
• LOW NOISE
•HIGHGAIN–10dBMINIMUM
DP
PIN 1
SOURCE
PIN 2
DRAIN
PIN 3
GATE
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
APPLICATIONS
• VHF/UHF COMMUNICATIONS
fromDCto2GHz
METAL GATE RF SILICON FET
TetraFET
DIM
mm
Tol.
Inches
Tol.
A
16.51
0.25
0.650
0.010
B
6.35
0.13
0.250
0.005
C
45°
5°
45°
5°
D
3.30
0.13
0.130
0.005
E
18.92
0.08
0.745
0.003
F
1.52
0.13
0.060
0.005
G
2.16
0.13
0.085
0.005
H
14.22
0.08
0.560
0.003
I
1.52
0.13
0.060
0.005
J
6.35
0.13
0.250
0.005
K
0.13
0.03
0.005
0.001
M
5.08
0.51
0.200
0.020
N
1.27 x 45°
0.13
0.050 x 45° 0.005


Similar Part No. - D2212

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D221 MPD-D221 Datasheet
219Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Seme LAB
D2210UK SEME-LAB-D2210UK Datasheet
15Kb / 2P
METAL GATE RF SILICON FET
D2211 SEME-LAB-D2211 Datasheet
19Kb / 2P
METAL GATE RF SILICON FET
D2211UK SEME-LAB-D2211UK Datasheet
19Kb / 2P
METAL GATE RF SILICON FET
More results

Similar Description - D2212

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1004UK SEME-LAB-D1004UK Datasheet
35Kb / 4P
METAL GATE RF SILICON FET
D1011UK SEME-LAB-D1011UK Datasheet
16Kb / 2P
METAL GATE RF SILICON FET
D1015UK SEME-LAB-D1015UK Datasheet
60Kb / 4P
METAL GATE RF SILICON FET
D1016UK SEME-LAB-D1016UK Datasheet
49Kb / 4P
METAL GATE RF SILICON FET
D1017UK SEME-LAB-D1017UK Datasheet
223Kb / 5P
METAL GATE RF SILICON FET
D1031UK SEME-LAB-D1031UK Datasheet
15Kb / 2P
METAL GATE RF SILICON FET
D1082UK SEME-LAB-D1082UK Datasheet
20Kb / 2P
METAL GATE RF SILICON FET
D1084UK SEME-LAB-D1084UK Datasheet
19Kb / 2P
METAL GATE RF SILICON FET
D1211UK SEME-LAB-D1211UK Datasheet
16Kb / 2P
METAL GATE RF SILICON FET
D5012UK SEME-LAB-D5012UK Datasheet
31Kb / 2P
METAL GATE RF SILICON FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com