Electronic Components Datasheet Search
  English  ▼

X  

FR101G Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # FR101G
Description  1.0 A, Glass Passivated Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

FR101G Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  FR101G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH FR101G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
FR101G ~ FR107G
VOLTAGE 50 ~ 1000 V
1.0 A, Glass Passivated Fast Rectifiers
01-June-2002 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
High speed switching
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.34 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.
PART NUMBERS
PARAMETERS
SYMBOL
FR
101
G
FR
102
G
FR
103
G
FR
104
G
FR
105
G
FR
106
G
FR
107
G
UNITS
TESTING
CONDITIONS
Recurrent Reverse Voltage (Max.)
VRRM
50
100
200
400
600
800
1000
V
RMS Voltage (Max.)
VRMS
35
70
140
280
420
560
700
V
DC Blocking Voltage (Max.)
VDC
50
100
200
400
600
800
1000
V
Instantaneous Forward Voltage(Max.)
VF
1.3
V
IF = 1A
Average Forward
Rectified Current (Max.)
IO
1.0
A
0.375” (9.5mm)
lead length
@ TA = 55°C
Peak Forward Surge Current
IFSM
30
A
8.3ms single half
sine-wave
superimposed on
rated load
(JEDEC method)
5.0
VR = VDC, TA=25°C
DC Reverse Current (Max.)
IR
100
μA
VR=VDC, TA=100°C
Reverse Recovery Time (Max.)
TRR
150
250
500
nS
IF=0.5A, IR=1.0A,
IRR=0.25A
Junction Capacitance (Typ.)
CJ
15
pF
f=1MHz and
applied 4V DC
reverse voltage
Storage Temperature Range
TSTG
-65 ~ 150
°C
DO-41
Millimeter
REF.
Min.
Max.
A
25.4 (TYP)
B
4.10
5.21
C
2.00
2.72
D
0.70
0.90
A
C
B
A
D


Similar Part No. - FR101G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR101G RECTRON-FR101G Datasheet
257Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Jinan Gude Electronic D...
FR101G JGD-FR101G Datasheet
143Kb / 2P
1.0Amp Glass Passivated Fast Recovery Rectifiers
logo
Shanghai Sunrise Electr...
FR101G SSE-FR101G Datasheet
16Kb / 1P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Bytes
FR101G BYTES-FR101G Datasheet
153Kb / 2P
1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Shanghai Lunsure Electr...
FR101G CHENYI-FR101G Datasheet
121Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results

Similar Description - FR101G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SF11G JGD-SF11G Datasheet
168Kb / 2P
1.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Fairchild Semiconductor
RGP10A FAIRCHILD-RGP10A Datasheet
35Kb / 3P
1.0 Ampere Glass Passivated Fast Recovery Rectifiers
logo
Bytes
FR101G BYTES-FR101G Datasheet
153Kb / 2P
1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Formosa MS
1N4942G FORMOSA-1N4942G Datasheet
33Kb / 2P
1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4933G TSC-1N4933G Datasheet
67Kb / 2P
1.0 AMP. Glass Passivated Fast Recovery Rectifiers
SF11G TSC-SF11G Datasheet
70Kb / 2P
1.0 AMP. Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG_1 Datasheet
258Kb / 2P
1.0 AMP. Glass Passivated Super Fast Rectifiers
logo
UNIOHM CORPORATION
FR101G UNIOHM-FR101G Datasheet
66Kb / 2P
1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
1N4933G UNIOHM-1N4933G Datasheet
73Kb / 2P
1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
RS1A DGNJDZ-RS1A Datasheet
132Kb / 2P
1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com