Electronic Components Datasheet Search
  English  ▼

X  

FR201 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # FR201
Description  2.0 A, Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

FR201 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  FR201_09 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH FR201_09 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
FR201 ~ FR207
VOLTAGE 50 ~ 1000 V
2.0 A, Fast Recovery Rectifiers
01-April-2009 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.4300 grams (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.
PART NUMBERS
PARAMETERS
SYMBOL
FR
201
FR
202
FR
203
FR
204
FR
205
FR
206
FR
207
UNITS
TESTING
CONDITIONS
Recurrent Reverse Voltage (Max.)
VRRM
50
100
200
400
600
800
1000
V
RMS Voltage (Max.)
VRMS
35
70
140
280
420
560
700
V
DC Blocking Voltage (Max.)
VDC
50
100
200
400
600
800
1000
V
Instantaneous Forward Voltage(Max.)
VF
1.3
V
IF = 2A
Average Forward
Rectified Current (Max.)
IO
2.0
A
0.375” (9.5mm)
lead length
@ TA = 75°C
Peak Forward Surge Current
IFSM
50
A
8.3ms single half
sine-wave
superimposed on
rated load
(JEDEC method)
5.0
VR = VDC, TA=25°C
DC Reverse Current (Max.)
IR
100
μA
VR=VDC, TA=100°C
Reverse Recovery Time (Max.)
TRR
150
250
500
nS
IF=0.5A, IR=1.0A,
IRR=0.25A
Junction Capacitance (Typ.)
CJ
40
pF
f=1MHz and
applied 4V DC
reverse voltage
Storage Temperature Range
TSTG
-65 ~ 150
°C
A
C
B
A
D
Millimeter
REF.
Min.
Max.
A
25.4 (TYP)
B
5.80
7.62
C
2.60
3.60
D
-
0.90
DO-15


Similar Part No. - FR201_09

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FR20100CT FRONTIER-FR20100CT Datasheet
458Kb / 2P
20A FAST RECOVERY RECTIFIERS
FR20100FCT FRONTIER-FR20100FCT Datasheet
458Kb / 2P
20A FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
FR201A0 TSC-FR201A0 Datasheet
375Kb / 4P
Fast Recovery Rectifiers
FR201A0G TSC-FR201A0G Datasheet
375Kb / 4P
Fast Recovery Rectifiers
logo
EIC discrete Semiconduc...
FR201 EIC-FR201_05 Datasheet
55Kb / 2P
FAST RECOVERY
More results

Similar Description - FR201_09

ManufacturerPart #DatasheetDescription
logo
Bytes
FR201 BYTES-FR201 Datasheet
152Kb / 2P
2.0 AMP FAST RECOVERY RECTIFIERS
logo
Formosa MS
FR201 FORMOSA-FR201 Datasheet
33Kb / 2P
2.0 AMP FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
FR201 TSC-FR201 Datasheet
69Kb / 2P
2.0 AMPS. Fast Recovery Rectifiers
logo
Yangzhou yangjie electr...
BY296 YANGJIE-BY296 Datasheet
704Kb / 2P
2.0 AMP. FAST RECOVERY RECTIFIERS
FR201 YANGJIE-FR201 Datasheet
713Kb / 2P
2.0 AMP. FAST RECOVERY RECTIFIERS
logo
UNIOHM CORPORATION
FR201 UNIOHM-FR201 Datasheet
66Kb / 2P
2.0 AMP FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR201G SECOS-FR201G Datasheet
167Kb / 2P
2.0 A, Glass Passivated Fast Recovery Rectifiers
logo
Goodwork Semiconductor ...
FR201 GWSEMI-FR201 Datasheet
67Kb / 2P
2.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
FR201 DGNJDZ-FR201 Datasheet
194Kb / 2P
2.0 AMP FAST RECOVERY RECTIFIERS
RS2AF DGNJDZ-RS2AF Datasheet
188Kb / 2P
2.0 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com