Electronic Components Datasheet Search
  English  ▼

X  

FR201G Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # FR201G
Description  2.0 A, Glass Passivated Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

FR201G Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  FR201G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH FR201G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
FR201G ~ FR207G
VOLTAGE 50 ~ 1000 V
2.0 A, Glass Passivated Fast Recovery Rectifiers
01-April-2009 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
MECHANICAL DATA
Glass Passivated
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.4300 grams (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.
PART NUMBERS
PARAMETERS
SYMBOL
FR
201
G
FR
202
G
FR
203
G
FR
204
G
FR
205
G
FR
206
G
FR
207
G
UNITS
TESTING
CONDITIONS
Recurrent Reverse Voltage (Max.)
VRRM
50
100
200
400
600
800
1000
V
RMS Voltage (Max.)
VRMS
35
70
140
280
420
560
700
V
DC Blocking Voltage (Max.)
VDC
50
100
200
400
600
800
1000
V
Instantaneous Forward Voltage(Max.)
VF
1.3
V
IF = 2A
Average Forward
Rectified Current (Max.)
IO
2.0
A
0.375” (9.5mm)
lead length
@ TA = 75°C
Peak Forward Surge Current
IFSM
50
A
8.3ms single half
sine-wave
superimposed on
rated load
(JEDEC method)
5.0
VR = VDC, TA=25°C
DC Reverse Current (Max.)
IR
100
μA
VR=VDC, TA=100°C
Reverse Recovery Time (Max.)
TRR
150
250
500
nS
IF=0.5A, IR=1.0A,
IRR=0.25A
Junction Capacitance (Typ.)
CJ
40
pF
f=1MHz and
applied 4V DC
reverse voltage
Storage Temperature Range
TSTG
-65 ~ 150
°C
A
C
B
A
D
Millimeter
REF.
Min.
Max.
A
25.4 (TYP)
B
5.80
7.62
C
2.60
3.60
D
-
0.90
DO-15


Similar Part No. - FR201G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR201G RECTRON-FR201G Datasheet
24Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
FR201G JGD-FR201G Datasheet
138Kb / 2P
2.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Bytes
FR201G BYTES-FR201G Datasheet
153Kb / 2P
2.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Shanghai Lunsure Electr...
FR201G CHENYI-FR201G Datasheet
125Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Dc Components
FR201G DCCOM-FR201G Datasheet
440Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results

Similar Description - FR201G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
FR201G JGD-FR201G Datasheet
138Kb / 2P
2.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Bytes
FR201G BYTES-FR201G Datasheet
153Kb / 2P
2.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Formosa MS
FR201G FORMOSA-FR201G Datasheet
33Kb / 2P
2.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
FR201G TSC-FR201G Datasheet
250Kb / 2P
2.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR201G TSC-FR201G_1 Datasheet
66Kb / 2P
2.0 AMPS. Glass Passivated Fast Recovery Rectifiers
RGP20A TSC-RGP20A Datasheet
72Kb / 2P
2.0 AMPS. Glass Passivated Junction Fast Recovery Rectifiers
logo
UNIOHM CORPORATION
FR201G UNIOHM-FR201G Datasheet
66Kb / 2P
2.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR301G SECOS-FR301G Datasheet
167Kb / 2P
3.0 A, Glass Passivated Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
FR201G TSC-FR201G_10 Datasheet
551Kb / 2P
2.0 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Goodwork Semiconductor ...
FR201G GWSEMI-FR201G Datasheet
67Kb / 2P
2.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com