Electronic Components Datasheet Search
  English  ▼

X  

D2225 Datasheet(PDF) 1 Page - Seme LAB

Part # D2225
Description  METAL GATE RF SILICON FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D2225 Datasheet(HTML) 1 Page - Seme LAB

  D2225 Datasheet HTML 1Page - Seme LAB D2225 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D2225UK
Prelim. 2/99
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website http://www.semelab.co.uk
PD
Power Dissipation
BVDSS
Drain – Source Breakdown Voltage
BVGSS
Gate – Source Breakdown Voltage
ID(sat)
Drain Current
Tstg
Storage Temperature
Tj
Maximum Operating Junction Temperature
17.5W
40V
±20V
4A
–65 to 150°C
200°C
MECHANICAL DATA
1
2
3
4
8
7
6
5
M
N
B
C
A
E
FG
D
H
K
L
J
P
GOLD METALLISED
MULTI-PURPOSE SILICON
DMOS RF FET
5W – 12.5V – 1GHz
PUSH–PULL
FEATURES
• SIMPLIFIED AMPLIFIER DESIGN
• SUITABLE FOR BROAD BAND APPLICATIONS
• VERY LOW Crss
• SIMPLE BIAS CIRCUITS
• LOW NOISE
• HIGH GAIN – 10 dB MINIMUM
SO8 PACKAGE
PIN 1 – SOURCE
PIN 2 – DRAIN 1
PIN 3 – DRAIN 2
PIN 4 – SOURCE
PIN 5 – SOURCE
PIN 6 – GATE 2
PIN 7 – GATE 1
PIN 8 – SOURCE
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
APPLICATIONS
• HF/VHF/UHF COMMUNICATIONS
from 1MHz to 1GHz
Dim.
A
B
C
D
E
F
G
H
J
K
L
M
N
P
mm
Tol.
Inches
Tol.
4.06
±0.08
0.160
±0.003
5.08
±0.08
0.200
±0.003
1.27
±0.08
0.050
±0.003
0.51
±0.08
0.020
±0.003
3.56
±0.08
0.140
±0.003
4.06
±0.08
0.160
±0.003
1.65
±0.08
0.065
±0.003
+0.25
+0.010
0.76
0.030
-0.00
-0.000
0.51
Min.
0.020
Min.
1.02
Max.
0.040
Max.
45°
Max.
45°
Max.
0°
Min.
0°
Min.
7°
Max.
7°
Max.
0.20
±0.08
0.008
±0.003
2.18
Max.
0.086
Max.
4.57
±0.08
0.180
±0.003
METAL GATE RF SILICON FET
TetraFET


Similar Part No. - D2225

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D222 ETC1-D222 Datasheet
91Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D222 MPD-D222 Datasheet
219Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Naina Semiconductor ltd...
D222-40 NAINA-D222-40 Datasheet
120Kb / 2P
Standard Recovery Diodes (Stud and Lead Type)
D222-40X NAINA-D222-40X Datasheet
120Kb / 2P
Standard Recovery Diodes (Stud and Lead Type)
logo
Seme LAB
D2220UK SEME-LAB-D2220UK Datasheet
16Kb / 2P
METAL GATE RF SILICON FET
More results

Similar Description - D2225

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1004UK SEME-LAB-D1004UK Datasheet
35Kb / 4P
METAL GATE RF SILICON FET
D1011UK SEME-LAB-D1011UK Datasheet
16Kb / 2P
METAL GATE RF SILICON FET
D1015UK SEME-LAB-D1015UK Datasheet
60Kb / 4P
METAL GATE RF SILICON FET
D1016UK SEME-LAB-D1016UK Datasheet
49Kb / 4P
METAL GATE RF SILICON FET
D1017UK SEME-LAB-D1017UK Datasheet
223Kb / 5P
METAL GATE RF SILICON FET
D1031UK SEME-LAB-D1031UK Datasheet
15Kb / 2P
METAL GATE RF SILICON FET
D1082UK SEME-LAB-D1082UK Datasheet
20Kb / 2P
METAL GATE RF SILICON FET
D1084UK SEME-LAB-D1084UK Datasheet
19Kb / 2P
METAL GATE RF SILICON FET
D1211UK SEME-LAB-D1211UK Datasheet
16Kb / 2P
METAL GATE RF SILICON FET
D5012UK SEME-LAB-D5012UK Datasheet
31Kb / 2P
METAL GATE RF SILICON FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com