Electronic Components Datasheet Search
  English  ▼

X  

ARF300 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # ARF300
Description  RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ARF300 Datasheet(HTML) 1 Page - Microsemi Corporation

  ARF300 Datasheet HTML 1Page - Microsemi Corporation ARF300 Datasheet HTML 2Page - Microsemi Corporation ARF300 Datasheet HTML 3Page - Microsemi Corporation ARF300 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ARF300
125V, 300W, 45MHz
The ARF300 is a N-CHANNEL RF power transistor in a high efficiency flangeless package.
It is designed for high voltage operation in narrow band ISM and MRI power amplifiers at
frequencies up to 45MHz. The transistor is well matched to the ARF301 P-CHANNEL RF
power transistor making the pair well suited for bridge configurations
• High Performance
• High Voltage Breakdown and Large SOA
for Superior Ruggedness
• Low Thermal Resistance.
• Capacitance matched with ARF301 P-Channel
Symbol
Parameter
Ratings
Unit
V
DSS
Drain-Source Voltage
500
V
V
DGO
Drain-Gate Voltage
500
I
D
Continuous Drain Current @ T
C = 25°C
24
A
V
GS
Gate-Source Voltage
±30
V
P
D
Total Power Dissipation @ T
C = 25°C
1000
W
T
J, TSTG
Operating and Storage Junction Temperature Range
-55 to 175
°C
T
L
Lead Temperature: 0.063” from Case for 10 Sec.
300
Maximum Ratings
All Ratings: T
C =25°C unless otherwise specified
Static Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
BV
DSS
Drain-Source Breakdown Voltage (V
GS = 0V, ID = 250 μA)
500
V
V
DS(ON)
On State Drain Voltage 1 (I
D(ON) = 12A, VGS = 10V)
3
4
I
DSS
Zero Gate Voltage Drain Current (V
DS = VDSS, VGS = 0V)
25
μA
Zero Gate Voltage Drain Current (V
DS = 50VDSS, VGS = 0, TC = 125°C)
250
I
GSS
Gate-Source Leakage Current (V
DS = ±30V, VDS = 0V)
±100
nA
g
fs
Forward Transconductance (V
DS = 15V, ID = 12A)
5
8
mhos
V
GS(TH)
Gate Threshold Voltage (V
DS = VGS, ID = 10mA)
2.5
4
5
Volts
Microsemi Website - http://www.microsemi.com
CAUTION:
These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
RF POWER MOSFET
N-CHANNEL ENHANCEMENT MODE
• Specified 125 Volt, 27 MHz Characteristics:
Output Power = 300 Watts.
Gain = 15dB (Class E)
Efficiency = 80%
• RoHS Compliant
Symbol
Parameter
Min
Typ
Max
Unit
R
θJC
Junction to Case
0.15
°C/W
R
θJHS
Junction to Sink (High Efficiency Thermal Joint Compound and Planar Heat Sink Surface.)
0.27
Thermal Characteristics


Similar Part No. - ARF300

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ARF300 MICROSEMI-ARF300 Datasheet
121Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
logo
Ohmite Mfg. Co.
ARF300 OHMITE-ARF300 Datasheet
250Kb / 2P
High power density
ARF300 OHMITE-ARF300 Datasheet
250Kb / 2P
High power density
More results

Similar Description - ARF300

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF1500 ADPOW-ARF1500 Datasheet
114Kb / 2P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1501 ADPOW-ARF1501 Datasheet
114Kb / 2P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1502 ADPOW-ARF1502 Datasheet
114Kb / 2P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF442 ADPOW-ARF442 Datasheet
55Kb / 4P
N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET
ARF444 ADPOW-ARF444 Datasheet
64Kb / 4P
N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET
ARF475FL ADPOW-ARF475FL Datasheet
95Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1500 ADPOW-ARF1500 Datasheet
127Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
logo
Microsemi Corporation
ARF460A MICROSEMI-ARF460A Datasheet
144Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1501 MICROSEMI-ARF1501 Datasheet
150Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1505 MICROSEMI-ARF1505 Datasheet
147Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com