Electronic Components Datasheet Search
  English  ▼

X  

MBR40040CT Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MBR40040CT
Description  Schottky PowerMod
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MBR40040CT Datasheet(HTML) 1 Page - Microsemi Corporation

  MBR40040CT Datasheet HTML 1Page - Microsemi Corporation MBR40040CT Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
Thermal and Mechanical Characteristics
400 Amps
200 Amps
3000 Amps
2 Amps
0.78 Volts
0.62 Volts
100 mA
5.0 mA
7200 pF
copper
Baseplate: Nickel plated
D=Doubler
Baseplate
A=Common Anode
Baseplate
Common Cathode
Baseplate
CPT40030 - CPT40050
Schottky PowerMod
*Pulse test: Pulse width 300µsec, Duty cycle 2%
Electrical Characteristics
Repetitive Peak
Reverse Voltage
*Add Suffix A for Common Anode, D for Doubler
Storage temp range
Operating junction temp range
Max thermal resistance per leg
Typical thermal resistance (greased)
Terminal Torque
Mounting Base Torque (outside holes)
Weight
center hole must be torqued first
Mounting Base Torque (center hole)
Maximum repetitive reverse current per leg
Typical junction capacitance per leg
Max peak reverse current per leg
Max peak reverse current per leg
Max peak forward voltage per leg
Max peak forward voltage per leg
Maximum surge current per leg
Average forward current per leg
Average forward current per pkg
OJC
OCS
STG
R
R
TJ
T
CJ
F(AV)
R(OV)
FSM
V
I
I
RM
RM
FM
V
I
I
FM
F(AV)
I
I
Catalog Number
H
Q
35V
50V
45V
40V
Reverse Voltage
Working Peak
CPT40035*
CPT40050*
CPT40045*
CPT40040*
Microsemi
U
N
W
F
V
Notes:
E
35V
40V
45V
50V
U
C
B
G
R
A
C = 127°C, Square wave,
0JC = 0.32°C/W
C = 127°C, Square wave,
0JC = 0.16°C/W
30-40 inch pounds
8-10 inch pounds
2.8 ounces (72 grams) typical
35-50 inch pounds
-55°C to 175°C
-55°C to 175°C
Junction to case
Case to sink
R = 5.0V, C = 25°C
RRM, J = 125°C*
FM = 200A: J - 175°C*
FM = 200A: J = 25°C*
f = 1 KHZ, 25°C, 1µsec square wave
8.3ms, half sine, J = 175°C
0.32°C/W
0.08°C/W
V
T
RRM, J = 25°C
V
V
I
I
T
T
T
T
T
T
T
R
R
1/4-20
Notes
Dia.
Dia.
0.340
---
3.150 BSC
0.195
---
0.290
---
0.510
0.130
0.630
0.800
N
0.600
U
0.180
0.312
W
V
---
0.275
Q
R
1.375 BSC
0.010
0.490
G
H
F
0.120
---
0.700
C
E
B
80.01 BSC
34.92 BSC
---
4.57
7.92
15.24
6.99
0.25
12.45
3.05
---
17.78
8.64
---
4.95
---
7.37
---
12.95
3.30
16.00
20.32
Max.
3.630
Dim. Inches
Min.
---
A
Millimeters
Min.
---
Max.
92.20
Max thermal resistance per pkg
OJC
R
Junction to case
0.16°C/W
Part Number
401CNQ035
Industry
MBR40035CT
MBR40040CT
401CNQ040
401CNQ045
MBR40045CT
CPT40030*
30V
30V
Reverse Energy Tested
Schottky Barrier Rectifier
Guard Ring Protection
400 Amperes/ 30 to 50 Volts
175°C Junction Temperature
January, 2010 - Rev. 7
www.microsemi.com


Similar Part No. - MBR40040CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR40040CT MCC-MBR40040CT Datasheet
132Kb / 3P
400 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
Microsemi Corporation
MBR40040CT MICROSEMI-MBR40040CT Datasheet
163Kb / 2P
SCHOTTKY POWERMOD
logo
TRANSYS Electronics Lim...
MBR40040CT TEL-MBR40040CT Datasheet
133Kb / 2P
SCHOTTKY DIODES MODULE TYPE 400A
logo
Naina Semiconductor ltd...
MBR40040CT NAINA-MBR40040CT Datasheet
136Kb / 2P
Silicon Schottky Diode, 400A
logo
America Semiconductor, ...
MBR40040CT AMERICASEMI-MBR40040CT Datasheet
325Kb / 2P
HIGH POWER -SCHOTTKY RECTIFIERS
More results

Similar Description - MBR40040CT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT12035 MICROSEMI-CPT12035 Datasheet
148Kb / 2P
Schottky PowerMod
CPT20230 MICROSEMI-CPT20230 Datasheet
145Kb / 2P
Schottky PowerMod
CPT40080 MICROSEMI-CPT40080 Datasheet
149Kb / 2P
Schottky PowerMod
FST19235 MICROSEMI-FST19235 Datasheet
151Kb / 2P
Schottky PowerMod
CPT60035 MICROSEMI-CPT60035 Datasheet
160Kb / 2P
SCHOTTKY POWERMOD
CPT40030 MICROSEMI-CPT40030 Datasheet
171Kb / 2P
Schottky PowerMod
CPT600180 MICROSEMI-CPT600180 Datasheet
159Kb / 2P
SCHOTTKY POWERMOD
CPT20035 MICROSEMI-CPT20035_10 Datasheet
122Kb / 2P
Schottky PowerMod
CPT30060 MICROSEMI-CPT30060_10 Datasheet
123Kb / 2P
Schottky PowerMod
FST15230 MICROSEMI-FST15230_10 Datasheet
120Kb / 2P
Schottky PowerMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com