Electronic Components Datasheet Search
  English  ▼

X  

CPT50140 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CPT50140
Description  Schottky PowerMod
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CPT50140 Datasheet(HTML) 1 Page - Microsemi Corporation

  CPT50140 Datasheet HTML 1Page - Microsemi Corporation CPT50140 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
10500 pF
12.0 mA
4.0 A
5000 Amps
250 Amps
500 Amps
Electrical Characteristics
2 Amps
0.55 Volts
0.49 Volts
CPT50130 - CPT50145
Baseplate
A=Common Anode
Baseplate
Common Cathode
Baseplate
D=Doubler
Baseplate: Nickel plated
copper
Reverse Voltage
Repetitive Peak
*Pulse test: Pulse width 300µsec, Duty cycle 2%
Thermal and Mechanical Characteristics
Schottky PowerMod
Maximum repetitive reverse current per leg
Typical junction capacitance per leg
Max peak reverse current per leg
Max peak reverse current per leg
Max peak forward voltage per leg
Max peak forward voltage per leg
Maximum surge current per leg
Average forward current per leg
Average forward current per pkg
Mounting Base Torque (center hole)
center hole must be torqued first
Weight
Mounting Base Torque (outside holes)
Terminal Torque
Typical thermal resistance (greased)
Max thermal resistance per leg
Operating junction temp range
Storage temp range
*Add Suffix A for Common Anode, D for Doubler
STG
OCS
OJC
R
R
TJ
T
C
I
J
RM
F(AV)
R(OV)
FSM
F(AV)
V
V
I
FM
RM
FM
I
I
I
I
Catalog Number
H
Q
45V
Working Peak
Reverse Voltage
30V
35V
40V
CPT50145*
CPT50140*
CPT50135*
CPT50130*
Microsemi
U
N
W
F
V
Notes:
E
45V
35V
30V
40V
U
C
B
G
R
A
C = 79°C, square wave,
0JC = 0.24°C/W
C = 79°C, square wave,
0JC = 0.12°C/W
30-40 inch pounds
8-10 inch pounds
2.8 ounces (78 grams) typical
FM = 250A: J = 150°C*
FM = 250A: J = 25°C*
R = 5.0V, C = 25°C
RRM, J = 25°C*
RRM, J = 125°C*
f = 1 KHZ, 25°C, 1µsec square wave
8.3ms, half sine, J = 150°C
Case to sink
Junction to case
-55°C to 150°C
-55°C to 150°C
35-50 inch pounds
0.24°C/W
0.08°C/W
V
V
T
T
I
V
I
T
T
T
T
T
T
R
R
Notes
Dia.
Dia.
1/4-20
0.680
0.800
0.130
0.510
---
0.290
---
0.340
0.195
3.150 BSC
---
N
U 0.600
0.312
0.180
W
V
0.275
---
Q
R
1.375 BSC
0.490
0.010
G
H
F
0.700
---
0.120
C
E
B
34.92 BSC
80.01 BSC
15.24
7.92
4.57
---
6.99
17.78
---
3.05
12.45
0.25
7.37
---
8.64
4.95
---
17.28
20.32
3.30
12.95
---
Dim. Inches
Max.
3.630
Min.
---
A
Millimeters
Min.
---
Max.
92.20
Max thermal resistance per pkg
OJC
R
Junction to case
0.12°C/W
150°C Junction Temperature
500 Amperes/30 to 45 Volts
Schottky Barrier Rectifier
Guard Ring Protection
Reverse Energy Tested
January, 2010 - Rev. 4
www.microsemi.com


Similar Part No. - CPT50140

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT50140 MICROSEMI-CPT50140 Datasheet
140Kb / 2P
Schottky PowerMod
More results

Similar Description - CPT50140

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT12035 MICROSEMI-CPT12035 Datasheet
148Kb / 2P
Schottky PowerMod
CPT20230 MICROSEMI-CPT20230 Datasheet
145Kb / 2P
Schottky PowerMod
CPT40080 MICROSEMI-CPT40080 Datasheet
149Kb / 2P
Schottky PowerMod
FST19235 MICROSEMI-FST19235 Datasheet
151Kb / 2P
Schottky PowerMod
CPT60035 MICROSEMI-CPT60035 Datasheet
160Kb / 2P
SCHOTTKY POWERMOD
CPT40030 MICROSEMI-CPT40030 Datasheet
171Kb / 2P
Schottky PowerMod
CPT600180 MICROSEMI-CPT600180 Datasheet
159Kb / 2P
SCHOTTKY POWERMOD
CPT20035 MICROSEMI-CPT20035_10 Datasheet
122Kb / 2P
Schottky PowerMod
CPT30060 MICROSEMI-CPT30060_10 Datasheet
123Kb / 2P
Schottky PowerMod
FST15230 MICROSEMI-FST15230_10 Datasheet
120Kb / 2P
Schottky PowerMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com