Electronic Components Datasheet Search
  English  ▼

X  

DRF1300 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # DRF1300
Description  MOSFET Push-Pull Hybrid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DRF1300 Datasheet(HTML) 1 Page - Microsemi Corporation

  DRF1300 Datasheet HTML 1Page - Microsemi Corporation DRF1300 Datasheet HTML 2Page - Microsemi Corporation DRF1300 Datasheet HTML 3Page - Microsemi Corporation DRF1300 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DRF1300
500V, 30A, 30MHz
The DRF1300 is a push-pull hybrid containing two high power gate
drivers and two power MOSFETs. It was designed to provide the sys-
tem designer increased flexibility, higher performance, and lowered cost
over a non-integrated solution. This low parasitic approach, coupled
with the Schmitt trigger input, Kelvin signal ground, Anti-Ring function
Invert and Non-invert select pin provide improved stability and control in
Kilowatt to Multi-Kilowatt, High Frequency ISM applications.
TYPICAL APPLICATIONS
• Class C, D and E RF Generators
• Switch Mode Power Amplifiers
• HV Pulse Generators
• Ultrasound Transducer Drivers
• Acoustic Optical Modulators
FEATURES
• Switching Frequency: DC TO 30MHz
• Inverting Non-Inverting Select
• Low Pulse Width Distortion
• Single Power Supply (Per Section)
• 1V CMOS Schmitt Trigger Input 1V
Hysteresis
• Switching Speed 3-4ns
• BVds = 500V
• Ids = 30A max. Per-section
• Rds(on) ≤ .24 Ohm
• PD = 550W Per-section
• RoHS Compliant
MOSFET Push-Pull Hybrid
Microsemi Website - http://www.microsemi.com
Symbol
Parameter
Ratings
Unit
V
DD
Supply Voltage
15
V
IN, FN
Input Single Voltages
-.7 to +5.5
I
O PK
Output Current Peak
8A
T
JMAX
Operating Temperature
175
°C
Driver Absolute Maximum Ratings
Driver Specifications
Symbol
Parameter
Min
Typ
Max
Unit
V
DD
Supply Voltage
10
15
V
IN
Input Voltage
3
5
IN
(R)
Input Voltage Rising Edge
3
ns
IN
(F)
Input Voltage Falling Edge
3
I
DDQ
Quiescent Current
2mA
I
O
Output Current
8A
C
iss
Input Capacitance
3
R
IN
Input Parallel Resistance
1MΩ
V
T(ON)
Input, Low to High Out (See Truth Table)
0.8
1.1
V
V
T(OFF)
Input, High to Low Out (See Truth Table)
1.9
2.2
T
DLY
Time Delay (throughput)
38
ns
t
r
Rise Time
5
ns
t
f
Fall Time
5
D
S
IN
DRIVER 30A
MOSFETS
D
S
IN


Similar Part No. - DRF1300

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
DRF1300 MICROSEMI-DRF1300 Datasheet
171Kb / 4P
MOSFET Push-Pull Hybrid
More results

Similar Description - DRF1300

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
DRF1300 MICROSEMI-DRF1300 Datasheet
171Kb / 4P
MOSFET Push-Pull Hybrid
DRF1301 MICROSEMI-DRF1301 Datasheet
176Kb / 4P
MOSFET Push-Pull Hybrid
DRF1301 MICROSEMI-DRF1301_11 Datasheet
280Kb / 4P
MOSFET Push-Pull Hybrid
logo
RF Micro Devices
RFPP3870 RFMD-RFPP3870 Datasheet
244Kb / 3P
GaAs/GaN Push Pull Hybrid GaAs/GaN Push Pull Hybridz
RFPP3180 RFMD-RFPP3180 Datasheet
133Kb / 3P
GaAs Push Pull Hybrid
logo
TriQuint Semiconductor
QPA3320 TRIQUINT-QPA3320 Datasheet
197Kb / 4P
CATV Push Pull Hybrid 1003MHz 34dB
logo
Qorvo, Inc
QPA3359 QORVO-QPA3359 Datasheet
255Kb / 4P
CATV Push Pull Hybrid 1218MHz 28dB
QPA3358 QORVO-QPA3358 Datasheet
258Kb / 4P
CATV Push Pull Hybrid 1218MHz 34dB
S10040180P1 QORVO-S10040180P1 Datasheet
346Kb / 4P
CATV Push Pull Hybrid 1000MHz 18dB
S10040140P1 QORVO-S10040140P1 Datasheet
346Kb / 4P
CATV Push Pull Hybrid 1000MHz 14dB
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com