Electronic Components Datasheet Search
  English  ▼

X  

MMBT493 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT493
Description  General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT493 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBT493 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT493 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MMBT493
NPN Silicon
General Purpose Transistor
01-June-2002 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Medium Power Transistor
MARKING
493
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
120
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
5
V
Collector Current -Continuous
IC
1
A
Collector Power Dissipation
PD
250
mW
Junction & Storage temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Max.
Unit
Test Conditions
Collector-base Breakdown Voltage
V(BR)CBO
120
-
V
IC=100μA, IE=0
Collector-emitter Breakdown Voltage
V(BR)CEO
*
100
-
V
IC=10mA, IB=0
Emitter-base Breakdown Voltage
V(BR)EBO
5
-
V
IE=100μA, IC=0
Collector Cut-off Current
ICBO
-
0.1
μA
VCB=100V, IE=0
Collector Cut-off Current
ICES
-
0.1
μA
VCE=100V, IE=0
Emitter Cut-off Current
IEBO
-
0.1
μA
VEB=4V, IC=0
hFE(1)
*
100
-
VCE=10V, IC=1mA
hFE(2)
*
100
300
VCE=10V, IC=250mA
hFE(3)
*
60
-
VCE=10V, IC=500mA
DC Current Gain
hFE(4)
*
20
-
VCE=10V, IC=1000mA
VCE(sat)
*
-
0.3
V
IC=500mA, IB=50mA
Collector-emitter Saturation Voltage
VCE(sat)
*
-
0.6
V
IC=1000mA, IB=100mA
VBE(sat)
*
-
1.15
V
IC=1000mA, IB=100mA
Base-emitter Saturation Voltage
VBE(on)
*
-
1
V
VCE=10V, IC=1000mA
Transition Frequency
f T
150
-
MHz
VCE = 10V, IC = 50mA, f = 100MHz
Output Capacitance
COB
-
10
pF
VCB = 10V, f = 1.0MHz, IE = 0
*Pulse test: Pulse width ≦ 300
μs, duty cycle ≦ 2%
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.80
3.00
G
0.10 REF.
B
2.25
2.55
H
0.55 REF.
C
1.20
1.40
J
0.08
0.15
D
0.90
1.15
K
0.5 REF.
E
1.80
2.00
L
0.95 TYP.
F
0.30
0.50


Similar Part No. - MMBT493

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MMBT493 SECOS-MMBT493_15 Datasheet
518Kb / 2P
General Purpose Transistor
More results

Similar Description - MMBT493

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com