Electronic Components Datasheet Search
  English  ▼

X  

MMBT593 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT593
Description  General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT593 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBT593 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT593 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MMBT593
PNP Silicon
General Purpose Transistor
01-June-2002 Rev. A
Page 1 of 2
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
1
Base
2
Emitter
Collector
3
FEATURES
Medium Power Transistor
MARKING
593
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol Ratings
Unit
Collector to Emitter Voltage
VCEO
-100
V
Collector to Base Voltage
VCBO
-120
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-1
A
Total Device Dissipation
PD
250
mW
Junction and Storage Temperature
TJ, TSTG
150,
°C
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector–Emitter Breakdown Voltage
BVCEO
-100
-
-
V
IC = -10mA, IB = 0
Collector–Base Breakdown Voltage
BVCBO
-120
-
-
V
IC = -100μA, IE = 0
Emitter–Base Breakdown Voltage
BVEBO
-5
-
-
V
IE = -100μA, IC = 0
Collector Cut-off Current
Collector Cut-off Current
Emitter Cut-off Current
ICBO
ICES
IEBO
-
-
-0.1
-0.1
-0.1
μA
μA
μA
VCB = -100V, IE = 0
VCE = -100V, IE = 0
VEB = -4V, IC = 0
DC Current Gain
hFE(1)*
hFE(2)*
hFE(3)*
hFE(4)*
100
100
100
50
-
-
-
300
-
-
IC = - 1mA, VCE = - 5.0V
IC = - 250mA, VCE = - 5.0V
IC = - 0.5A, VCE = - 5.0V
IC = - 1 A, VCE = - 5.0V
Collector–Emitter Saturation Voltage
VCE(sat)*
VCE(sat)*
-
-
-0.2
-0.3
V
IC = - 250mA, IB = - 25mA
IC = - 500mA, IB = - 50mA
Base–Emitter Saturation Voltage
VBE(sat)*
-
-
-1.1
V
IC = - 500mA, IB = - 50mA
Base–Emitter Voltage
VBE(on)*
-
-
-1.0
V
VCE = -5V, IC = 1mA
Transition Frequency
fT
150
-
-
MHz
VCE=-10V, IC=- 50mA, f=100MHz
Collector Output Capacitance
COB
-
-
5.0
pF
VCB = -10V, IE = 0, f = 1.0MHz
*Pulse test: Pulse width ≦ 300
μs, duty cycle ≦ 2%
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.80
3.00
G
0.10 REF.
B
2.25
2.55
H
0.55 REF.
C
1.20
1.40
J
0.08
0.15
D
0.90
1.15
K
0.5 REF.
E
1.80
2.00
L
0.95 TYP.
F
0.30
0.50


Similar Part No. - MMBT593

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MMBT593 SECOS-MMBT593_15 Datasheet
355Kb / 2P
General Purpose Transistor
More results

Similar Description - MMBT593

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
ON Semiconductor
MMBT2907AWT1G ONSEMI-MMBT2907AWT1G Datasheet
89Kb / 3P
General Purpose Transistor
February, 2011 ??Rev. 5
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com