Electronic Components Datasheet Search
  English  ▼

X  

MMBT3904W Datasheet(PDF) 5 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT3904W
Description  General Purpose Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT3904W Datasheet(HTML) 5 Page - SeCoS Halbleitertechnologie GmbH

  MMBT3904W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT3904W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT3904W Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT3904W Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MMBT3904W Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH MMBT3904W Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Any changing of specification will not be informed individual
MMBT3904W
NPN Silicon
General Purpose Transistor
h PARAMETERS
(VCE = 10 Vdc, f = 1.0 kHz, TA = 25°C)
Figure 11. Current Gain
I C, Collector Current (mA)
70
100
200
300
50
Figure 12. Output Admittance
IC, Collector Current (mA)
Figure 13. Input Impedance
IC, Collector Current (mA)
Figure 14. Voltage Feedback Ratio
IC, Collector Current (mA)
30
100
50
5
10
20
2.0
3.0
5.0
7.0
10
1.0
0.1
0.2
1.0
2.0
5.0
0.5
10
0.3
0.5
3.0
0.7
2.0
5.0
10
20
1.0
0.2
0.5
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
2
1
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
TYPICAL STATIC CHARACTERISTICS
Figure 15. DC Current Gain
IC, Collector Current (mA)
0.3
0.5
0.7
1.0
2.0
0.2
0.1
0.5
2.0
3.0
10
50
70
0.2
0.3
0.1
100
1.0
0.7
200
30
20
5.0
7.0
VCE = 1.0 V
TJ = +125°C
+25°C
–55°C
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-200
7 Rev. B
Page
5 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com