Electronic Components Datasheet Search
  English  ▼

X  

MMBT5401 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT5401
Description  General PurposeTransistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT5401 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  MMBT5401 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT5401 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT5401 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Elektronische Bauelemente
MMBT5401
PNP Silicon
General PurposeTransistor
01-June-2002 Rev. A
Page 3 of 3
CHARACTERISTICS CURVE
Figure 4. "On" Voltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.7
1.0
0.2
Figure 5. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
0
TJ = 25 C
VCE(sat)@ IC / IB = 10
2.5
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
100
TJ = 25 C
Cibo
Figure 6. Switching Time Test Circuit
VR, REVERSE VOLTAGE (VOLTS)
0.9
0.8
0.5
0.3
0.1
VBE(sat)@ IC / IB= 10
0.3
3.0
30
Figure 7. Capacitances
10.2V
Vin
10
μs
INPUT PULSE
VBB
+ 8.8 V
100
RB
5.1k
0.25
μF
Vin
100
1N914
Vout
RC
VCC
-30 V
3.0k
tr, t
f 10 ns
DUTY CYCLE = 1.0%
Values Shown are for IC @ 10 mA
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
0.3
3.0
30
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
TJ = -55 C to 135 C
θVC for VCE(sat)
θVB for VBE(sat)
Cobo
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
0.2
0.5
1.0
2.0
5.0
10
20
0.3
3.0
0.7
7.0
1000
100
200
300
500
700
10
20
30
50
70
0.2
0.5
1.0
2.0
5.0
10
20
0.3
3.0
30 50
100
200
IC, COLLECTOR CURRENT (mA)
Figure 8. Turn-On Time
td @ VBE(off) = 1.0 V
VCC= 120 V
tr @ VCC= 30 V
tr @ VCC = 120 V
2000
100
200
300
500
700
20
30
50
70
0.2
0.5
1.0
2.0
5.0
10
20
0.3
3.0
30 50
100
200
IC, COLLECTOR CURRENT (mA)
Figure 9. Turn-Off Time
1000
tf @ V
CC = 120 V
t f @ VCC = 30 V
ts@ VCC= 120 V
IC/ IB= 10
TJ = 25 C
IC/ IB= 10
TJ = 25 C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com