Electronic Components Datasheet Search
  English  ▼

X  

MMBTA05 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBTA05
Description  Epitaxial Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBTA05 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBTA05 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBTA05 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MMBTA05
NPN Silicon
Epitaxial Transistor
26-Oct-2009 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The MMBTA05 is Amplifier Transistor
FEATURES
Driver Transistor
MARKING
MAXIMUM RATINGS (at Ta = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector - Base Voltage
VCBO
60
V
Collector - Emitter Voltage
VCEO
60
V
Emitter - Base Voltage
VEBO
4
V
Collector Current - Continuous
IC
0.5
A
Collector Power Dissapation
PC
300
mW
Junction, Storage Temperature
TJ, TSTG
150, -55~150
℃
ELECTRICAL CHARACTERISTICS (at Ta = 25°C unless otherwise specified)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
MAX.
UNIT
Collector-Base Breakdown Voltage
IC =100µA, IE =0
V(BR)CBO
60
V
Collector-Emitter Breakdown Voltage
IC =1mA, IB =0
V(BR)CEO
60
V
Emitter-Base Breakdown Voltage
IE =100µA, IC =0
V(BR)EBO
4
V
Collector Cut-Off Current
VCB =60V, IE =0
ICBO
0.1
µA
Collector Cut-Off Current
VCE =60V, IB =0
ICEO
0.1
µA
Collector Cut-Off Current
VEB =3V, IC =0
IEBO
0.1
µA
VCE =1V, IC =10mA
hFE1
100
400
DC Current Gain
VCE =1V, IC =100mA
hFE2
100
Collector-Emitter Saturation Voltage
IC =100mA, IB =10mA
VCE(sat)
0.25
V
Base-Emitter Voltage
VCE =1V, IC=100mA
VBE
1.2
V
Transition Frequency
VCE =2V, IC=10mA,f=100MHz
FT
100
MHz
B
E
C
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.04
G
-
0.18
B
2.10
2.80
H
0.40
0.60
C
1.20
1.60
J
0.08
0.20
D
0.89
1.40
K
0.6 REF.
E
1.78
2.04
L
0.85
1.15
F
0.30
0.50
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
1H


Similar Part No. - MMBTA05

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA05 TRSYS-MMBTA05 Datasheet
139Kb / 1P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Samsung semiconductor
MMBTA05 SAMSUNG-MMBTA05 Datasheet
26Kb / 1P
NPN (DRIVER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA05 FAIRCHILD-MMBTA05 Datasheet
50Kb / 4P
NPN General Purpose Amplifier
logo
Diodes Incorporated
MMBTA05 DIODES-MMBTA05 Datasheet
45Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30037 Rev. C-2
logo
KEC(Korea Electronics)
MMBTA05 KEC-MMBTA05 Datasheet
113Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (DRIVER STAGE AMPLIFIER, VOLTAGE AMPLIFIER)
More results

Similar Description - MMBTA05

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GS123 GTM-GS123 Datasheet
155Kb / 2P
NPN EPITAXIAL TRANSISTOR
GSD2656 GTM-GSD2656 Datasheet
137Kb / 2P
NPN EPITAXIAL TRANSISTOR
logo
Chenmko Enterprise Co. ...
CHT8050PT CHENMKO-CHT8050PT Datasheet
269Kb / 3P
EPITAXIAL Transistor
CHT8550PT CHENMKO-CHT8550PT Datasheet
264Kb / 3P
EPITAXIAL Transistor
logo
SeCoS Halbleitertechnol...
MMBTA44 SECOS-MMBTA44 Datasheet
425Kb / 2P
Epitaxial Transistor
MMBTA94 SECOS-MMBTA94 Datasheet
283Kb / 2P
Epitaxial Transistor
BCP1213 SECOS-BCP1213_15 Datasheet
595Kb / 2P
Epitaxial Planar Transistor
MMBTA05 SECOS-MMBTA05_15 Datasheet
324Kb / 2P
Epitaxial Transistor
MMBTA94 SECOS-MMBTA94_15 Datasheet
273Kb / 2P
Epitaxial Transistor
BCP69-C SECOS-BCP69-C Datasheet
201Kb / 2P
Silicon Epitaxial Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com