Electronic Components Datasheet Search
  English  ▼

X  

MMBTA42 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBTA42
Description  General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBTA42 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBTA42 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBTA42 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
MMBTA42
NPN Silicon
General Purpose Transistor
DEVICE MARKING
MMBTA42=1D
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free
01-June-2004 Rev. B
Page 1 of 2
· Plastic-Encapsulate Transistors
·
Power dissipation & Collector current
Pcm: 0.3W Icm: 0.3A
·
High voltage V(BR): 300V
FEATURES
COLLECTOR
3
1
BASE
2
EMITTER
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
1
2
3
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
http://www.SeCoSGmbH.com
Elektronische Bauelemente
ELECTRICAL
CHARACTERISTICS
Tamb=25
¥
unless
otherwise
specified
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 100 μA, IE=0
300
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 1 mA, IB=0
300
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100μA, IC=0
5
V
Collector cut-off current
ICBO
VCB=200 V , IE=0
0.25
μA
Emitter cut-off current
IEBO
VEB=5V ,
IC=0
0.1
μA
HFE(1)
VCE= 10V, IC= 1mA
60
HFE(2)
VCE= 10V, IC=10mA
100
200
DC current gain
HFE(3)
VCE=10V, IC=30mA
60
Collector-emitter saturation voltage
VCE(sat)
IC=20 mA, IB= 2mA
0.2
V
Base-emitter saturation voltage
VBE(sat)
IC= 20 mA, IB=2mA
0.9
V
Transition frequency
fT
VCE= 20V, IC= 10mA
f=30MHz
50
MHz


Similar Part No. - MMBTA42

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBTA42 PHILIPS-MMBTA42 Datasheet
43Kb / 8P
NPN high-voltage transistor
2000 Apr 11
logo
STMicroelectronics
MMBTA42 STMICROELECTRONICS-MMBTA42 Datasheet
56Kb / 4P
SMALL SIGNAL NPN TRANSISTOR
Jan-2003
logo
Transys Electronics
MMBTA42 TRSYS-MMBTA42 Datasheet
137Kb / 1P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBTA42 ZOWIE-MMBTA42 Datasheet
57Kb / 3P
HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Fairchild Semiconductor
MMBTA42 FAIRCHILD-MMBTA42 Datasheet
657Kb / 14P
NPN High Voltage Amplifier
More results

Similar Description - MMBTA42

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com