Electronic Components Datasheet Search
  English  ▼

X  

IP79M05A Datasheet(PDF) 1 Page - Seme LAB

Part # IP79M05A
Description  0.5 AMP NEGATIVE VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP79M05A Datasheet(HTML) 1 Page - Seme LAB

  IP79M05A Datasheet HTML 1Page - Seme LAB IP79M05A Datasheet HTML 2Page - Seme LAB IP79M05A Datasheet HTML 3Page - Seme LAB IP79M05A Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Note 1. Although power dissipation is internally limited, these specifications are applicable for maximum power dissipation
PMAX of 2W for the H–Package ,1.05W for the J–Package and 15W for the SG–Package.
IP120MA SERIES
IP120M
SERIES
IP79M00A SERIES
IP79M00
SERIES
Prelim. 9/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Pin 1 – Ground
Pin 2 – VOUT
Case – VIN
H Package – TO–39
1
2
3
Pin 1 – Ground
Pin 2 – VIN
Case – VOUT
SMD Package - SMD1
CERAMIC SURFACE MOUNT
!
8 Pin J Package
45
1
2
3
8
7
6
GND
NC
NC
NC
NC
NC
V
OUT
V
IN
0.5 AMP
NEGATIVE
VOLTAGE REGULATOR
FEATURES
• OUTPUT CURRENT UP TO 0.5A
• OUTPUT VOLTAGES OF -5, -12, -15V
• 0.01% / V LINE REGULATION
• 0.3% / A LOAD REGULATION
• THERMAL OVERLOAD PROTECTION
• SHORT CIRCUIT PROTECTION
• OUTPUT TRANSISTOR SOA PROTECTION
• 1% VOLTAGE TOLERANCE (–A VERSIONS)
VI
DC Input Voltage
(for VO = -5, -12, -15V)
PD
Power Dissipation
RqJC
Thermal Resistance Junction to Case
– H Package
– SMD Package
RqJA
Thermal Resistance Junction to Ambient
– H Package
– J Package
TJ
Operating Junction Temperature Range
Tstg
Storage Temperature
-35V
Internally limited
20°C / W
TBA°C / W
120°C / W
119°C / W
–55 to 150°C
–65 to 150°C
DESCRIPTION
The IP120MA and IP79M00A series of voltage
regulators are fixed output regulators intended for
local, on-card voltage regulation. These devices are
available in -5, -12, and -15 volt options and are
capable of delivering in excess of 500mA over
temperature.
The A suffix devices are fully specified at 0.5A,
provide 0.01% / V line regulation, 0.3% / A load
regulation, and ±1% output voltage tolerance at room
temperature. Protection features include safe
operating area, current limiting and thermal
shutdown.
Part
H–Pack
J–Pack
SMD–Pack
Temp.
Number
(TO–39)
CERDIP
SMD1
Range
IP79MxxAzz
✔✔
✔
-55 to +150°C
IP79Mxxzz
✔✔
✔
”
IP120MAzz–xx
✔✔
”
IP120Mzz–xx
✔✔
”
Order Information
Note:
xx = Voltage Code
(05, 12, 15)
eg.
IP79M05J
zz = Package Code
(H, J)
IP120MAH–12
ABSOLUTE MAXIMUM RATINGS (T
C = 25°C unless otherwise stated)


Similar Part No. - IP79M05A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP79M05AH SEME-LAB-IP79M05AH Datasheet
37Kb / 4P
0.5 AMP NEGATIVE VOLTAGE REGULATOR
IP79M05AHX SEME-LAB-IP79M05AHX Datasheet
50Kb / 2P
5 VOLT NEGATIVE VOLTAGE REGULATOR
IP79M05AJ SEME-LAB-IP79M05AJ Datasheet
37Kb / 4P
0.5 AMP NEGATIVE VOLTAGE REGULATOR
IP79M05AJX SEME-LAB-IP79M05AJX Datasheet
50Kb / 2P
5 VOLT NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - IP79M05A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP120A SEME-LAB-IP120A Datasheet
41Kb / 5P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP137MAHV-LCC4 SEME-LAB-IP137MAHV-LCC4 Datasheet
14Kb / 2P
0.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
IP137MAHVH SEME-LAB-IP137MAHVH Datasheet
17Kb / 2P
0.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP140MA SEME-LAB-IP140MA Datasheet
32Kb / 4P
0.5 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
79HG ETC1-79HG Datasheet
242Kb / 2P
NEGATIVE 5 AMP VOLTAGE REGULATOR
logo
Seme LAB
IP137MAHVE SEME-LAB-IP137MAHVE Datasheet
29Kb / 2P
0.5 AMP NEGATIVE ADJUSTABLE
IP120 SEME-LAB-IP120 Datasheet
87Kb / 6P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP120MA SEME-LAB-IP120MA Datasheet
37Kb / 4P
0.5 AMP NEGATIVE VOLTAGE REGULATOR
LM120A-05 SEME-LAB-LM120A-05 Datasheet
56Kb / 3P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
LM7905XE SEME-LAB-LM7905XE Datasheet
28Kb / 3P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com