Electronic Components Datasheet Search
  English  ▼

X  

MMBTA92W Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBTA92W
Description  General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBTA92W Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBTA92W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBTA92W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
MMBTA92W
PNP Silicon
General Purpose Transistor
n
n
n
n
RoHS Compliant Product
Power dissipation & Collector current
Pcm: 0.2W Icm: -0.3A
High voltage V(BR): -300V
FEATURES
http://www.SeCoSGmbH.com
Elektronische Bauelemente
ELECTRICAL
CHARACTERISTICS
Tamb=25
¥
unless
otherwise
specified
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= -100uA
, IE=0
-300
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= -1 m A
, IB=0
-300
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100 A
, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-200 V ,
IE=0
-0.25
μA
Emitter cut-off current
IEBO
VEB=-5V ,
IC=0
-0.1
μA
HFE(1)
VCE= -10V,
IC=-1mA
60
HFE(2)
VCE= -10V,
IC=-10mA
100
200
DC current gain
HFE(3)
VCE=-10V,
IC=-30mA
60
Collector-emitter saturation voltage
VCE(sat)
IC=-20 mA,
IB= -2m A
-0.2
V
Base-emitter saturation voltage
VBE(sat)
IC= -20 m A,
IB=-2m A
-0.9
V
Transition frequency
fT
VCE=-20V, IC=-10mA
f=30MHz
50
MHz
DEVICE MARKING
MMBTA92W=K3R
01-Jun-2002 Rev. A
Page 1 of 2
2. Base
1.Emitter
3. Collector
K
J
C
H
L
A
B S
G
V
Dim
Min
Max
A
1.800
2.200
B
1.150
1.350
C
0.800
1.000
D
0.300
0.400
G
1.200
1.400
H
0.000
0.100
J
0.100
0.250
K
0.350
0.500
L
0.590
0.720
S
2.000
2.400
V
0.280
0.420
All Dimension in mm
SOT-323
D
Top View


Similar Part No. - MMBTA92W

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMBTA92W SEMTECH_ELEC-MMBTA92W Datasheet
84Kb / 1P
PNP Silicon Epitaxial Planar Transistor
logo
Foshan Blue Rocket Elec...
MMBTA92W FOSHAN-MMBTA92W Datasheet
712Kb / 6P
Silicon PNP transistor in a SOT-323 Plastic Package
logo
Goodwork Semiconductor ...
MMBTA92W GWSEMI-MMBTA92W Datasheet
306Kb / 3P
TRANSISTOR(PNP)
logo
SeCoS Halbleitertechnol...
MMBTA92W SECOS-MMBTA92W_15 Datasheet
127Kb / 2P
General Purpose Transistor
More results

Similar Description - MMBTA92W

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com