Electronic Components Datasheet Search
  English  ▼

X  

MMBTA94 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBTA94
Description  Epitaxial Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBTA94 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBTA94 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBTA94 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBTA94
PNP Silicon
-400V, -0.1A, 350mW
Epitaxial Transistor
Elektronische Bauelemente
15-Oct-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Voltage Transistor
MARKING
Product
Marking Code
MMBTA44
4D
SYMBOL
MAXIMUM RATINGS (at TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector - Base Voltage
VCBO
-400
V
Collector - Emitter Voltage
VCEO
-400
V
Emitter - Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-0.1
A
Collector Power Dissipation
PC
350
mW
Junction, Storage Temperature
TJ, TSTG
150, -55~150
℃
ELECTRICAL CHARACTERISTICS (at TA = 25°C unless otherwise specified)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Collector-Base Breakdown Voltage
IC =100µA, IE =0
V(BR)CBO
-400
-
-
V
Collector-Emitter Breakdown Voltage
IC = -1mA, IB =0
V(BR)CEO
-400
-
-
V
Emitter-Base Breakdown Voltage
IE = -100µA, IC =0
V(BR)EBO
-5
-
-
V
Collector Cut-Off Current
VCB = -400V, IE =0
ICBO
-
-
-0.1
µA
Emitter Cut-Off Current
VEB = -4V, IC =0
IEBO
-
-
-0.1
µA
DC Current Gain
VCE = -10V, IC = -1mA
hFE1*
70
-
-
VCE = -10V, IC = -10mA
hFE2*
80
-
300
VCE = -10V, IC = -50mA
hFE3*
40
-
-
VCE = -10V, IC = -100mA
hFE4*
40
-
-
Collector-Emitter Saturation Voltage
IC = -10mA, IB = -1mA
VCE(sat)1*
-
-
-0.2
V
IC = -50mA, IB = -5mA
VCE(sat)2*
-
-
-0.3
V
Base-Emitter Saturation Voltage
IC = -10mA, IB = -1mA
VBE(sat)*
-
-
-0.75
V
Transition frequency
VCE = -20V, IC = -10mA
fT
50
-
-
MHz
*Pulse test
SOT-23
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
3.04
G
-
0.18
B
2.10
2.80
H
0.40
0.60
C
1.20
1.60
J
0.08
0.20
D
0.89
1.40
K
0.6 REF.
E
1.78
2.04
L
0.85
1.15
F
0.30
0.50
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3


Similar Part No. - MMBTA94

ManufacturerPart #DatasheetDescription
logo
Avic Technology
MMBTA94 AVICTEK-MMBTA94 Datasheet
51Kb / 1P
SOT-23-3L Plastic-Encapsulate Transistors
logo
Weitron Technology
MMBTA94 WEITRON-MMBTA94 Datasheet
206Kb / 3P
High-Voltage PNP Transistor Surface Mount
logo
Unisonic Technologies
MMBTA94 UTC-MMBTA94 Datasheet
48Kb / 3P
HIGH VOLTAGE TRANSISTOR
logo
Diotec Semiconductor
MMBTA94 DIOTEC-MMBTA94 Datasheet
105Kb / 2P
Surface mount High Voltage Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA94 SEMTECH_ELEC-MMBTA94 Datasheet
130Kb / 1P
PNP Silicon Epitaxial Planar Transistor
More results

Similar Description - MMBTA94

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GS123 GTM-GS123 Datasheet
155Kb / 2P
NPN EPITAXIAL TRANSISTOR
GSD2656 GTM-GSD2656 Datasheet
137Kb / 2P
NPN EPITAXIAL TRANSISTOR
logo
Chenmko Enterprise Co. ...
CHT8050PT CHENMKO-CHT8050PT Datasheet
269Kb / 3P
EPITAXIAL Transistor
CHT8550PT CHENMKO-CHT8550PT Datasheet
264Kb / 3P
EPITAXIAL Transistor
logo
SeCoS Halbleitertechnol...
MMBTA05 SECOS-MMBTA05 Datasheet
324Kb / 2P
Epitaxial Transistor
MMBTA44 SECOS-MMBTA44 Datasheet
425Kb / 2P
Epitaxial Transistor
BCP1213 SECOS-BCP1213_15 Datasheet
595Kb / 2P
Epitaxial Planar Transistor
MMBTA05 SECOS-MMBTA05_15 Datasheet
324Kb / 2P
Epitaxial Transistor
MMBTA94 SECOS-MMBTA94_15 Datasheet
273Kb / 2P
Epitaxial Transistor
BCP69-C SECOS-BCP69-C Datasheet
201Kb / 2P
Silicon Epitaxial Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com