Electronic Components Datasheet Search
  English  ▼

X  

MMDL914 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMDL914
Description  Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMDL914 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMDL914 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMDL914 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
MMDL914
Surface Mount Switching Diode
1
CATHODE
2
ANODE
Shipping : 3000 / Tape & Reel
.
.
.
.
.
.
.
FEATURES
Case: SOD-323L, Molded Plastic
Polarity: See Diagrams Below
MECHANICAL DATA
Fast Switching Speed
For General Purpose Switching Application
Surface Mount Package Ideally Suited for
Automatic Insertion
Mounting Position : Any
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
VR
100
Vdc
Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR-5 Board,*
TA = 25°C
Derate above 25
°C
PD
200
1.57
mW
mW/
°C
Thermal Resistance Junction to Ambient
R
θJA
635
°C/W
Junction and Storage Temperature
TJ, Tstg
-50 to +150
°C
**FR-4 Minimum Pad
DEVICE MARKING
MMDL914 = 5D
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage
(IR = 100 mAdc)
V(BR)
100
—
Vdc
Reverse Voltage Leakage Current
(VR = 20 Vdc)
(VR = 75 Vdc)
IR
—
—
25
5.0
nAdc
mAdc
Diode Capacitance
(VR = 0, f = 1.0 MHz)
CT
—
4.0
pF
Forward Voltage
(IF = 10 mAdc)
VF
—
1.0
Vdc
Reverse Recovery Time
(IF = IR = 10 mAdc) (Figure 1)
trr
—
4.0
ns
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2007 Rev. B
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free
Dimensions in inch (mm)
SOD-323L
0.063 (1.60)
0.071 (1.80)
0.045 (1.15)
0.053 (1.35)
0.002 (0.05)
0.010 (0.25)
0.010 (0.25)
0.016 (0.40)
0.091 (2.3)
0.110 (2.8)
0.031 (0.80)
0.043 (1.10)


Similar Part No. - MMDL914

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MMDL914 ZOWIE-MMDL914 Datasheet
47Kb / 2P
SURFACE MOUNT HIGH-SPEED SWITCHING DIODE
logo
Leshan Radio Company
MMDL914 LRC-MMDL914 Datasheet
110Kb / 3P
High-Speed Switching Diode
logo
Micro Commercial Compon...
MMDL914 MCC-MMDL914 Datasheet
202Kb / 3P
High Speed Switching Diode
logo
Shenzhen Luguang Electr...
MMDL914 LUGUANG-MMDL914 Datasheet
218Kb / 2P
High Speed Switching Diodes
logo
WILLAS ELECTRONIC CORP
MMDL914 WILLAS-MMDL914 Datasheet
313Kb / 3P
200mA Surface Mount Switching Diode - 100V
More results

Similar Description - MMDL914

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com