Electronic Components Datasheet Search
  English  ▼

X  

MMDT3946 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMDT3946
Description  Multi-Chip Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMDT3946 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMDT3946 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMDT3946 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMDT3946 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMDT3946 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MMDT3946 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Elektronische Bauelemente
MMDT3946
NPN / PNP
Multi-Chip Transistor
14-Apr-2010 Rev. E
Page 2 of 5
ELECTRICAL CHARACTERISTICS OF NPN 3904 at Ta = 25°C
CHARACTERISTIC
TEST CONDITION
SYMBOL
MIN.
MAX.
UNIT
Collector-Base Breakdown Voltage
IC=10μA, IE=0
V(BR)CBO
60
V
Collector-Emitter Breakdown Voltage
IC = 1 mA, IB = 0
V(BR)CEO
40
V
Emitter-Base Breakdown Voltage
IE=10μA, IC=0
V(BR)EBO
5
V
Collector Cutoff Current
VCB=30V, IE=0
ICBO
0.05
μA
Collector Cutoff Current
VEB=30V, IB=0
ICEO
0.5
μA
Emitter Cutoff Current
VEB=5V, IC=0
IEBO
0.05
μA
VCE=1V, IC=0.1mA
hFE(1)
40
VCE=1V, IC=1mA
hFE(2)
70
VCE=1V, IC=10mA
hFE(3)
100
300
VCE=1V, IC=50mA
hFE(4)
60
DC Current Gain
VCE=1V, IC=100mA
hFE(5)
30
IC=10mA, IB=1mA
VCE(sat)1
0.2
V
Collector-emitter Saturation Voltage
IC=50mA, IB=5mA
VCE(sat)2
0.3
V
IC=10mA, IB=1mA
VBE(sat)1
0.65
0.85
V
Base-Emitter Saturation Voltage
IC=50mA, IB=5mA
VBE(sat)2
0.95
V
Output Capacitance
VCB=5V, IE=0, f=1MHz
Cob
4
pF
Transition Frequency
VCE=20V, IC=20mA, f=100MHz
fT
300
MHz
Noise Figure
VCE=5V, IC=0.1mA, f=1kHz
Rg=1KΩ,
NF
5
dB
Delay TIme
Td
35
nS
Rise Time
VCC=3V, VBE=0.5V,
IC=10mA, IB1=- IB2 = 1mA
Tr
35
nS
Storage Time
Ts
200
nS
Fall Time
VCC=3V,
IC=10mA, IB1=- IB2 = 1mA
Tf
50
nS
ABSOLUTE MAXIMUM RATINGS OF PNP 3906 at Ta = 25°C
PARAMETER
SYMBOL
VALUE
UNITS
Collector to Base Voltage
VCBO
-40
V
Collector to Emitter Voltage
VCEO
-40
V
Emitter to Base Voltage
VEBO
-5
V
Collector Currrent – Continuous
IC
-0.2
A
Collector Power Dissipation
PC
0.2
W
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-55~150
℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com