Electronic Components Datasheet Search
  English  ▼

X  

MMDT4403 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMDT4403
Description  Multi-Chip Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMDT4403 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMDT4403 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMDT4403 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
MMDT4403
PNP Silicon
Multi-Chip Transistor
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
* Features
ELECTRICAL CHARACTERISTICS
Tamb=25
unless otherwise specified
Power dissipation.
Marking : K2T
PCM : 0.2 W (Temp.=25 C)
Collector current
O
ICM : - 0.6 A
Collector -base voltage
V(BR) CBO : - 40 V
Operating & storage junction temperature
Tj, Tstg : -55 C ~ +150 C
O
O
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=-100µA ,
IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -1mA ,
IB=0
-40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100µA,
IC=0
-5
V
Collector cut-off current
ICBO
VCB=-50 V ,
IE=0
-0.1
µA
Collector cut-off current
ICEO
VCE=-35 V ,
IB=0
-0.1
µA
Emitter cut-off current
IEBO
VEB=-5V ,
IC=0
-0.1
µA
hFE(1)
VCE=-1 V,
IC= -0.1mA
30
hFE(2)
VCE=-1 V,
IC= -1mA
60
hFE(3)
VCE=-1 V,
IC= -10mA
100
hFE(4)
VCE=-2 V,
IC= -150mA
100
300
DC current gain
hFE(5)
VCE=-2 V,
IC= -500mA
20
VCE(sat)1
IC=-150 mA, IB=-15mA
-0.4
V
Collector-emitter saturation voltage
VCE(sat)2
IC=-500 mA, IB=-50mA
-0.75
V
VBE(sat)1
IC= -150 mA, IB=-15mA
-0.75
-0.95
V
Base-emitter saturation voltage
VBE(sat)2
IC= -500 mA, IB=-50mA
-1.3
V
Transition frequency
f T
VCE= -10V, IC= -20mA
f = 100MHz
200
MHz
Output Capacitance
Cob
VCB=-10V,
IE= 0
f=1MHz
8.5
pF
Delay time
td
15
nS
Rise time
tr
VCC=-30V, VBE=-2V
IC=-150mA , IB1=-15mA
20
nS
Storage time
tS
225
nS
Fall time
tf
VCC=-30V, IC=-150mA
IB1= IB2= -15mA
30
nS
01-J
an-2006 Rev.B
Page 1 of 2
C
2
B
1
E
1
E
2
B
2
C
1
SOT-363
Dimensions in inches and (millimeters)
.014(0.35)
.006(0.15)
.087(2.20)
.079(2.00)
.055(1.40)
.047(1.20)
.026TYP
(0.65TYP)
.096(2.45)
.085(2.15)
.021REF
(0.525)REF
.018(0.46)
.010(0.26)
.006(0.15)
.003(0.08)
.053(1.35)
.045(1.15)
.043(1.10)
.035(0.90)
.039(1.00)
.035(0.90)
.004(0.10)
.000(0.00)
8
o
o
0


Similar Part No. - MMDT4403

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT4403 TRSYS-MMDT4403 Datasheet
193Kb / 2P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT4403 DIODES-MMDT4403 Datasheet
50Kb / 3P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30110 Rev. 3P-1
MMDT4403 DIODES-MMDT4403 Datasheet
437Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30110 Rev. 7 - 2
logo
Micro Commercial Compon...
MMDT4403 MCC-MMDT4403 Datasheet
306Kb / 3P
PNP Plastic-Encapsulate Transistors
logo
Diodes Incorporated
MMDT4403 DIODES-MMDT4403 Datasheet
177Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30110 Rev. 10 - 2
More results

Similar Description - MMDT4403

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC847PN SECOS-BC847PN Datasheet
699Kb / 3P
Multi-Chip Transistor
BC847S SECOS-BC847S Datasheet
284Kb / 3P
Multi-Chip Transistor
BC857S SECOS-BC857S Datasheet
851Kb / 2P
Multi-Chip Transistor
MMDT2222A SECOS-MMDT2222A Datasheet
421Kb / 4P
Multi-Chip Transistor
MMDT2227 SECOS-MMDT2227 Datasheet
483Kb / 6P
Multi-Chip Transistor
MMDT3904 SECOS-MMDT3904 Datasheet
299Kb / 2P
Multi-Chip Transistor
MMDT3906 SECOS-MMDT3906 Datasheet
240Kb / 2P
Multi-Chip Transistor
MMDT4401 SECOS-MMDT4401 Datasheet
495Kb / 2P
Multi-Chip Transistor
MMDT2227 SECOS-MMDT2227_15 Datasheet
483Kb / 6P
Multi-Chip Transistor
MMDT3906 SECOS-MMDT3906_15 Datasheet
240Kb / 2P
Multi-Chip Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com