Electronic Components Datasheet Search
  English  ▼

X  

MBR12040 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MBR12040
Description  120 Amp Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MBR12040 Datasheet(HTML) 1 Page - Microsemi Corporation

  MBR12040 Datasheet HTML 1Page - Microsemi Corporation MBR12040 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
39.62
19.69
Maximum
Sq.
Dia.
19.18
30.28
4.06
14.73
4.06
15.88
38.61
18.42
Minimum
Millimeter
3.96
13.34
3.86
18.92
30.02
15.37
Dia.
3.30
12.83
3.05
12.57
1.52
.725
.745
1.182
.156
.525
.152
.605
B
A
D
E
G
J
H
F
C
Dim. Inches
Minimum
.120
.495
K
L
1.56
.130
.160
.580
.160
1.192
.625
.505
1/4-20 UNC-2B
.755
.775
Maximum
Notes
B
D
J
G
C
F
K
L
E
A
H
Std. Polarity
Base is cathode
Rev. Polarity
Base is anode
ROHS Compliant
124NQ040
MBR12045
MBR12040
MBR12035
124NQ045
120NQ045
124NQ035
Industry
120NQ035
120NQ040
Part Number
v
Guard Ring Protection
Reverse Energy Tested
150°C Junction Temperature
Schottky Barrier Rectifier
120 Amperes/45 Volts
RRM 35 - 45 Volts
35V
40V
45V
Reverse Voltage
Repetitive Peak
Microsemi
Catalog Number
HS12035*
HS12040*
HS12045*
Working Peak
Reverse Voltage
35V
40V
45V
* Add Suffix R for Reverse Polarity
C = 100°C, Square wave,
0JC = .40°C/W
R
T
T
T
T
T
I
I
V
V
V
T
T
8.3ms, half sine,
J = 125°C
f = 1 KHZ, 25°C
RRM,
J = 125°C*
RRM,
J = 25°C
R = 5.0V,
C = 25°C
FM = 120A:
J = 25°C*
FM = 120A:
J = 125°C*
I
I F(AV)
2A
I
VFM
FM
V
I
C
I
R(OV)
RM
RM
FSM
J
Maximum surge current
Max peak reverse current
Max peak reverse current
Max peak forward voltage
Max peak forward voltage
Average forward current
Maximum repetitive reverse current
Typical junction capacitance
2 Amps
5500pF
Electrical Characteristics
*Pulse test: Pulse width 300µsec, Duty cycle 2%
120 Amps
2000 Amps
0.55 Volts
0.49 Volts
5mA
Thermal and Mechanical Characteristics
0.40°C/W
0.12°C/W
Case to sink
Junction to case
-55°C to 150°C
-55°C to 150°C
20-25 inch pounds
1.1 ounces (32 grams) typical
35-40 inch pounds
T
R
R
J
T
STG
OJC
OCS
Storage temp range
Max thermal resistance
Terminal Torque
Typical thermal resistance (greased)
Operating junction temp range
Weight
Mounting Base Torque
HS12035 - HS12045
120 Amp Schottky Rectifier
January, 2011 - Rev. 5
www.microsemi.com


Similar Part No. - MBR12040

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR12040 MCC-MBR12040 Datasheet
412Kb / 3P
120 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
TRANSYS Electronics Lim...
MBR12040 TEL-MBR12040 Datasheet
121Kb / 2P
SCHOTTKY DIODES MODULE TYPE 120A
MBR12040CT TEL-MBR12040CT Datasheet
133Kb / 2P
SCHOTTKY DIODES MODULE TYPE 120A
logo
Microsemi Corporation
MBR12040CT MICROSEMI-MBR12040CT Datasheet
123Kb / 2P
Schottky PowerMod
logo
Naina Semiconductor ltd...
MBR12040CT NAINA-MBR12040CT Datasheet
136Kb / 2P
Silicon Schottky Diode, 120A
More results

Similar Description - MBR12040

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HS12135 MICROSEMI-HS12135 Datasheet
127Kb / 2P
120 Amp Schottky Rectifier
HS12380 MICROSEMI-HS12380 Datasheet
129Kb / 2P
120 Amp Schottky Rectifier
SBR12045 MICROSEMI-SBR12045 Datasheet
138Kb / 2P
120 AMP SCHOTTKY RECTIFIER
HS12035 MICROSEMI-HS12035 Datasheet
140Kb / 2P
120 Amp Schottky rectifier
HS12230 MICROSEMI-HS12230 Datasheet
131Kb / 2P
120 AMP SCHOTTKY RECTIFIER
HS126150 MICROSEMI-HS126150 Datasheet
131Kb / 2P
120 AMP SCHOTTKY RECTIFIER
HS12135 MICROSEMI-HS12135_11 Datasheet
117Kb / 2P
120 Amp Schottky Rectifier
HS12230 MICROSEMI-HS12230_11 Datasheet
117Kb / 2P
120 Amp Schottky Rectifier
HS12380 MICROSEMI-HS12380_11 Datasheet
117Kb / 2P
120 Amp Schottky Rectifier
HS126150 MICROSEMI-HS126150_11 Datasheet
117Kb / 2P
120 Amp Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com