Electronic Components Datasheet Search
  English  ▼

X  

MPSA42 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MPSA42
Description  NPN Plastic Encapsulated Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MPSA42 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MPSA42 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MPSA42 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MPSA42 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MPSA42
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
02-Apr-2010 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Collector
Emitter

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Voltage NPN Transistor
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Collector to Base Voltage
VCBO
300
V
Collector to Emitter Voltage
VCEO
300
V
Emitter to Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
0.5
A
Collector Power Dissipation
PC
625
mW
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
Thermal Resistance, junction to Ambinet
RθJA
200
°C/ mW
Thermal Resistance, junction to Case
RθJC
83.3
°C/ mW
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Collector to Base Breakdown Voltage
V(BR)CBO
300
-
-
V
IC=100μA, IE = 0A
Collector to Emitter Breakdown Voltage
V(BR)CEO
300
-
-
V
IC=1mA, IB = 0A
Emitter to Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=100μA, IC = 0A
Collector Cut-Off Current
ICBO
-
-
0.25
μA
VCB=200 V, IE = 0 A
Emitter Cut-Off Current
IEBO
-
-
0.1
μA
VEB=5 V, IC =0 mA
DC Current Gain
hFE(1)
60
-
-
VCE=10V, IC=1mA
hFE(2)
80
-
250
VCE=10V, IC=10mA
hFE(3)
75
-
-
VCE=10V, IC=30mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.2
V
IC=20mA, IB=2mA
Base to Emitter Voltage
VBE(sat)
-
-
0.9
V
IC=20mA, IB=2mA
Transition Frequency
fT
50
-
-
MHz
VCE = 20V, IC = 10mA, f=30MHz
CLASSIFICATION OF hFE(2)
Rank
A
B1
B2
C
Range
80-100
100-150
150-200
200-250
TO-92
REF.
Millimeter
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G
1.27 TYP.
H
1.10
-
J
2.42
2.66
K
0.36
0.76
A
C
E
K
F
D
B
G
H
J


Similar Part No. - MPSA42

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA42 MOTOROLA-MPSA42 Datasheet
121Kb / 4P
High Voltage Transistors
logo
ON Semiconductor
MPSA42 ONSEMI-MPSA42 Datasheet
85Kb / 4P
High Voltage Transistors(NPN Silicon)
1998 REV 1
logo
NXP Semiconductors
MPSA42 PHILIPS-MPSA42 Datasheet
42Kb / 8P
NPN high-voltage transistors
1999 Apr 12
logo
Zetex Semiconductors
MPSA42 ZETEX-MPSA42 Datasheet
39Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Siemens Semiconductor G...
MPSA42 SIEMENS-MPSA42 Datasheet
129Kb / 4P
NPN Silicon High-Voltage Transistors
More results

Similar Description - MPSA42

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
2SC2668 SECOS-2SC2668 Datasheet
140Kb / 2P
NPN Plastic-Encapsulated Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com