Electronic Components Datasheet Search
  English  ▼

X  

123NQ080 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 123NQ080
Description  120 Amp Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

123NQ080 Datasheet(HTML) 1 Page - Microsemi Corporation

  123NQ080 Datasheet HTML 1Page - Microsemi Corporation 123NQ080 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
39.62
19.69
Maximum
Sq.
Dia.
19.18
30.28
4.06
14.73
4.06
15.88
38.61
18.42
Minimum
Millimeter
3.96
13.34
3.86
18.92
30.02
15.37
Dia.
3.30
12.83
3.05
12.57
1.52
.725
.745
1.182
.156
.525
.152
.605
B
A
D
E
G
J
H
F
C
Dim. Inches
Minimum
.120
.495
K
L
1.56
.130
.160
.580
.160
1.192
.625
.505
1/4-20 UNC-2B
.755
.775
Maximum
Notes
Base is anode
Rev. Polarity
Base is cathode
Std. Polarity
D
C
B
F
K
L
E
J
H
A
G
ROHS Compliant
Reverse Energy Tested
175°C Junction Temperature
Guard Ring Protection
120 Amperes/80 to 100 Volts
Schottky Barrier Rectifier
MBR120100
123NQ100
MBR12080
*Add Suffix R for Reverse Polarity
123NQ080
Part Number
Industry
80V
90V
100V
Repetitive Peak
Reverse Voltage
HS12390*
HS12380*
HS123100*
Microsemi
Reverse Voltage
Working Peak
80V
90V
100V
Catalog Number
*Pulse test: Pulse width 300µsec, Duty cycle 2%
R
T
T
T
T
T
I
V
I
T
T
V
V
8.3ms, half sine, J = 175°C
f = 1 KHZ, 25°C, 1µsec square wave
RRM, J = 125°C*
RRM, J = 25°C
R = 5.0V, C = 25°C
FM = 120A: J = 25°C*
FM = 120A: J = 125°C*
C = 112°C, Square wave,
0JC = 0.40°C/W
I
I
VFM
I
FM
V
I
RM
R(OV)
F(AV)
FSM
CJ
RM
I
Typical junction capacitance
Average forward current
Maximum surge current
Maximum repetitive reverse current
Max peak forward voltage
Max peak forward voltage
Max peak reverse current
Max peak reverse current
3000 pF
Electrical Characteristics
2000 Amps
2 Amps
75 mA
120 Amps
0.91 Volts
.76 Volts
3.0 mA
-55°C to 175°C
0.12°C/W
0.40°C/W
Case to sink
Junction to case
-55°C to 175°C
20-25 inch pounds
1.1 ounces (32 grams) typical
35-40 inch pounds
TJ
R
R
TSTG
OCS
OJC
Weight
Terminal Torque
Typical thermal resistance (greased)
Max thermal resistance per leg
Operating junction temp range
Storage temp range
Mounting Base Torque
Thermal and Mechanical Characteristics
120 Amp Schottky Rectifier
HS12380-HS123100
January, 2011 - Rev. 6
www.microsemi.com


Similar Part No. - 123NQ080

ManufacturerPart #DatasheetDescription
logo
International Rectifier
123NQ080 IRF-123NQ080 Datasheet
100Kb / 5P
SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
123NQ080 SMC-123NQ080 Datasheet
225Kb / 4P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
123NQ080 SMCDIODE-123NQ080 Datasheet
341Kb / 5P
SCHOTTKY RECTIFIER The top
Rev. B
logo
Sangdest Microelectroni...
123NQ080-100 SMC-123NQ080-100 Datasheet
225Kb / 4P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
123NQ080/R-1 SMCDIODE-123NQ080/R-1 Datasheet
341Kb / 5P
SCHOTTKY RECTIFIER The top
Rev. B
More results

Similar Description - 123NQ080

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HS12135 MICROSEMI-HS12135 Datasheet
127Kb / 2P
120 Amp Schottky Rectifier
HS12380 MICROSEMI-HS12380 Datasheet
129Kb / 2P
120 Amp Schottky Rectifier
SBR12045 MICROSEMI-SBR12045 Datasheet
138Kb / 2P
120 AMP SCHOTTKY RECTIFIER
HS12035 MICROSEMI-HS12035 Datasheet
140Kb / 2P
120 Amp Schottky rectifier
HS12230 MICROSEMI-HS12230 Datasheet
131Kb / 2P
120 AMP SCHOTTKY RECTIFIER
HS126150 MICROSEMI-HS126150 Datasheet
131Kb / 2P
120 AMP SCHOTTKY RECTIFIER
HS12035 MICROSEMI-HS12035_11 Datasheet
117Kb / 2P
120 Amp Schottky Rectifier
HS12135 MICROSEMI-HS12135_11 Datasheet
117Kb / 2P
120 Amp Schottky Rectifier
HS12230 MICROSEMI-HS12230_11 Datasheet
117Kb / 2P
120 Amp Schottky Rectifier
HS126150 MICROSEMI-HS126150_11 Datasheet
117Kb / 2P
120 Amp Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com