Electronic Components Datasheet Search
  English  ▼

X  

IP150A Datasheet(PDF) 5 Page - Seme LAB

Part # IP150A
Description  3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP150A Datasheet(HTML) 5 Page - Seme LAB

  IP150A Datasheet HTML 1Page - Seme LAB IP150A Datasheet HTML 2Page - Seme LAB IP150A Datasheet HTML 3Page - Seme LAB IP150A Datasheet HTML 4Page - Seme LAB IP150A Datasheet HTML 5Page - Seme LAB IP150A Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IP150A SERIES
IP150A SERIES
IP350A SERIES
IP350A SERIES
LM150 SERIES
Prelim.9/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
0
5
10
15
20
25
30
35
0
2
4
6
TJ = 150˚C
TJ = -55˚C
TJ = 25˚C
Input – Output Differential (V)
V
= 5V
OUT
V
= 10V
IN
0.1
1
10
100
0
1
2
3
4
5
6
7
T
= 25˚C
CASE
PRELOAD = 0
PRELOAD = 1.5A
Time (ms)
-VOUT = 10V
IN
V
T
= 25˚C
CASE
0. 1
1
1 0
1 0 0
0
1
2
3
4
5
6
7
PRELOAD CURRENT= 0
-VOUT = 15V
IN
V
-VOUT = 20V
IN
V
-VOUT = 30V
IN
V
Time (ms)
Current Limit
Current Limit
Current Limit
ADJ
C= 0
ADJ
C
= 10
µF
VOUT =10V
0.5
0.5
0
0.5
1
0
10203040
1.5
0
1
1
L
C= 0
L
C= 1
µF
= 50mA
OUT
I
= 25˚C
J
T
Time (
s)
µ
ADJ
C
= 10
µF
L
C= 1
µF
AD J
C= 0
VOUT =10V
L
C= 0
= 25˚C
J
T
0
10203040
Time (
s)
µ
0.5
0.5
0
0.5
1
1
1.5
1.5
1
0
1.5
V
V
= 15V
IN
PRELOAD = 50mA
Line Transient Response
Load Transient Response
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com