Electronic Components Datasheet Search
  English  ▼

X  

HS18145 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # HS18145
Description  180 Amp Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

HS18145 Datasheet(HTML) 1 Page - Microsemi Corporation

  HS18145 Datasheet HTML 1Page - Microsemi Corporation HS18145 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
39.62
19.69
Maximum
Sq.
Dia.
19.18
30.28
4.06
14.73
4.06
15.88
38.61
18.42
Minimum
Millimeter
3.96
13.34
3.86
18.92
30.02
15.37
Dia.
3.30
12.83
3.05
12.57
1.52
.725
.745
1.182
.156
.525
.152
.605
B
A
D
E
G
J
H
F
C
Dim. Inches
Minimum
.120
.495
K
L
1.56
.130
.160
.580
.160
1.192
.625
.505
1/4-20 UNC-2B
.755
.775
Maximum
Notes
Base is anode
Std. Polarity
Rev. Polarity
Base is cathode
B
D
C
F
L
K
E
A
G
J
H
ROHS Compliant
181NQ035
Guard Ring Protection
RRM 35-45 Volts
175°C Junction Temperature
Schottky Barrier Rectifier
V
Low Forward Voltage
Reverse Energy Tested
Industry
181NQ040
181NQ045
Part Number
* Add Suffix R for Reverse Polarity
40V
45V
35V
Reverse Voltage
Repetitive Peak
HS18140*
HS18145*
HS18135*
Catalog Number
Microsemi
40V
45V
Working Peak
Reverse Voltage
35V
2 Amps
T
R
T
T
T
T
T
I
V
V
V
R = 5.0V,
J = 25°C, f = 1MHz
f = 1 kHz, 1us square wave, J = 25°C
RRM,
J = 125°C*
RRM,
J = 25°C
8.3ms, half sine,
J = 175°C
FM = 180A:
J = 25°C*
T
C = 142°C, square wave,
0JC = 0.3°C/W
I F(AV)
I
VFM
I
J
C
I RM
RM
R(OV)
FSM
I
Typical junction capacitance
Max peak reverse current
Max peak reverse current
Maximum repetitive reverse current
Average forward current
Max peak forward voltage
Maximum surge current
7500pF
150mA
0.70 Volts
2500 Amps
180 Amps
*Pulse test: Pulse width 300µsec, Duty cycle 2%
4mA
Electrical Characteristics
Thermal and Mechanical Characteristics
R OCS
Typical thermal resistance (greased)
0.12°C/W
case to sink
0.3°C/W
20-40 inch pounds
15-25 inch pounds
-55°C to 175°C
-55°C to 175°C
junction to case
1.1 ounces (32 grams) typical
J
T
T
R
STG
OJC
Storage temp range
Max thermal resistance
Operating junction temp range
Weight
Terminal Torque
Mounting Base Torque
180 Amp Schottky Rectifier
HS18135-HS18145
HALF-PAK
January, 2011 - Rev. 5
www.microsemi.com


Similar Part No. - HS18145

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HS18145 MICROSEMI-HS18145 Datasheet
131Kb / 2P
180 Amp Schottky OR,ing Rectifier
More results

Similar Description - HS18145

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HS18230 MICROSEMI-HS18230 Datasheet
126Kb / 2P
180 Amp Schottky Rectifier
HS18035 MICROSEMI-HS18035 Datasheet
134Kb / 2P
180 AMP SCHOTTKY RECTIFIER
HS18135 MICROSEMI-HS18135 Datasheet
131Kb / 2P
180 Amp Schottky OR,ing Rectifier
logo
Vishay Siliconix
180NQ045PBF VISHAY-180NQ045PBF Datasheet
114Kb / 6P
Schottky Rectifier, 180 A
28-Apr-08
183NQ100PBF VISHAY-183NQ100PBF Datasheet
112Kb / 6P
Schottky Rectifier, 180 A
06-May-08
logo
Microsemi Corporation
HS18380 MICROSEMI-HS18380 Datasheet
119Kb / 2P
180 Amp Schottky Rectifier
HS18035 MICROSEMI-HS18035_11 Datasheet
118Kb / 2P
180 Amp Schottky Rectifier
HS18230 MICROSEMI-HS18230_11 Datasheet
118Kb / 2P
180 Amp Schottky Rectifier
HS18380 MICROSEMI-HS18380_11 Datasheet
117Kb / 2P
180 Amp Schottky Rectifier
HS18515 MICROSEMI-HS18515_11 Datasheet
118Kb / 2P
180 Amp Schottky ORing Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com