Electronic Components Datasheet Search
  English  ▼

X  

HS247200 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # HS247200
Description  240 Amp Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

HS247200 Datasheet(HTML) 1 Page - Microsemi Corporation

  HS247200 Datasheet HTML 1Page - Microsemi Corporation HS247200 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
39.62
19.69
Maximum
Sq.
Dia.
19.18
30.28
4.06
14.73
4.06
15.88
38.61
18.42
Minimum
Millimeter
3.96
13.34
3.86
18.92
30.02
15.37
Dia.
3.30
12.83
3.05
12.57
1.52
.725
.745
1.182
.156
.525
.152
.605
B
A
D
E
G
J
H
F
C
Dim. Inches
Minimum
.120
.495
K
L
1.56
.130
.160
.580
.160
1.192
.625
.505
1/4-20 UNC-2B
.755
.775
Maximum
Notes
Base is anode
Std. Polarity
Rev. Polarity
Base is cathode
B
D
J
G
C
F
K
L
E
A
H
Reverse Energy Tested
240 Amperes 180-200 Volts
Guard Ring Protection
Schottky Barrier Rectifier
175°C Junction Temperature
ROHS Compliant
*Add Suffix R for Reverse Polarity
200V
200V
HS247200*
Part Number
Industry
180V
Reverse Voltage
Repetitive Peak
Microsemi
Catalog Number
HS247180*
Working Peak
Reverse Voltage
180V
*Pulse test: Pulse width 300µsec, Duty cycle 2%
R
T
T
T
T
T
I
I
V
V
V
R = 5.0V,
C = 25°C
T
T
FM = 240A:
J = 175°C*
FM = 240A:
J = 25°C*
f = 1 KHZ, 25°C
RRM,
J = 125°C*
RRM,
J = 25°C
8.3ms, half sine,
J = 175°C
C = 118°C, Square wave, 0JC =.24°C/W
I
I F(AV)
I
VFM
FM
V
I
C
I
R(OV)
RM
RM
FSM
J
Maximum surge current
Max peak reverse current
Typical peak reverse current
Max peak forward voltage
Typical peak forward voltage
Average forward current
Maximum repetitive reverse current
Typical junction capacitance
0.65 Volts
8.0mA
0.86 Volts
240 Amps
2 Amps
Electrical Characteristics
150mA
6000pF
3300 Amps
Thermal and Mechanical Characteristics
0.12°C/W
0.21°C/W
Case to sink
-55°C to 175°C
-55°C to 175°C
Junction to case
20-25 inch pounds
1.1 ounces (32 grams) typical
35-40 inch pounds
T
R
R
J
T
STG
OJC
OCS
Terminal Torque
Storage temp range
Max thermal resistance
Typical thermal resistance (greased)
Operating junction temp range
Weight
Mounting Base Torque
HS247180-HS247200
240 Amp Schottky Rectifier
January, 2011 - Rev. 3
www.microsemi.com


Similar Part No. - HS247200

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HS247200 MICROSEMI-HS247200 Datasheet
144Kb / 2P
240 AMP SCHOTTKY RECTIFIER
More results

Similar Description - HS247200

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HS24230 MICROSEMI-HS24230 Datasheet
127Kb / 2P
240 Amp Schottky Rectifier
HS24380 MICROSEMI-HS24380 Datasheet
129Kb / 2P
240 Amp Schottky Rectifier
HS24135 MICROSEMI-HS24135 Datasheet
138Kb / 2P
240 AMP SCHOTTKY RECTIFIER
HS24035 MICROSEMI-HS24035 Datasheet
141Kb / 2P
240 AMP SCHOTTKY RECTIFIER
HS24035 MICROSEMI-HS24035_11 Datasheet
118Kb / 2P
240 Amp Schottky Rectifier
HS24135 MICROSEMI-HS24135_11 Datasheet
117Kb / 2P
240 Amp Schottky Rectifier
HS24230 MICROSEMI-HS24230_11 Datasheet
118Kb / 2P
240 Amp Schottky Rectifier
HS24380 MICROSEMI-HS24380_11 Datasheet
117Kb / 2P
240 Amp Schottky Rectifier
HS24515 MICROSEMI-HS24515_11 Datasheet
118Kb / 2P
240 Amp Schottky Rectifier
HS246150 MICROSEMI-HS246150_11 Datasheet
116Kb / 2P
240 Amp Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com