Electronic Components Datasheet Search
  English  ▼

X  

MSCD052 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MSCD052
Description  0.5 Amp Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MSCD052 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MSCD052_10 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MSCD052_10 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MSCD052_10 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSCD052 ~ MSCD054
VOLTAGE 20 V ~ 40 V
0.5 Amp Surface Mount Schottky Barrier Rectifiers
Elektronische Bauelemente
14-Sep-2010 Rev. B
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
TYPE NUMBER
SYMBOL
Min.
Typ.
Max.
UNITS
Forward Voltage
MSCD052
IF=0.1A
VF
-
0.32
-
V
IF=0.5A
-
0.40
0.44
MSCD053
IF=0.1A
-
0.32
-
IF=0.5A
-
0.40
0.46
MSCD054
IF=0.1A
-
0.32
-
IF=0.5A
-
0.40
0.48
Repetitive peak reverse current @ VR= Max. VRRM , TA=25°C
IRRM
-
15
100
uA
Junction capacitance @ VR= 4V , f= 1.0 MHz
CJ
-
28
-
pF
Typical Thermal Resistance Junction to ambient
RJA
-
120
-
°C / W
Typical Thermal Resistance Junction to lead
RJL
-
28
-
°C / W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com