Electronic Components Datasheet Search
  English  ▼

X  

LX1701 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX1701
Description  2W Filterless Mono Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1701 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX1701 Datasheet HTML 1Page - Microsemi Corporation LX1701 Datasheet HTML 2Page - Microsemi Corporation LX1701 Datasheet HTML 3Page - Microsemi Corporation LX1701 Datasheet HTML 4Page - Microsemi Corporation LX1701 Datasheet HTML 5Page - Microsemi Corporation LX1701 Datasheet HTML 6Page - Microsemi Corporation LX1701 Datasheet HTML 7Page - Microsemi Corporation LX1701 Datasheet HTML 8Page - Microsemi Corporation LX1701 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LX1701
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove CA. 92841 714-898-8121, FAX 714-893-2570
Page 2
2W Filterless Mono Class-D Audio Amplifier
Copyright
© 2004
Rev. 1.0b, 2005-04-29
TM
®
ABSOLUTE MAXI MUM RATI NGS
Positive Supply Voltage (VDD, PVDD)............................................. -0.3 to 7.0V
Operating Temperature ..................................................................-40°C to +85°C
Maximum Operating Junction Temperature ................................................ 150°C
Storage Temperature......................................................................-65°C to 150°C
Lead Temperature (Soldering, 10 seconds................................................... 300°C
Package Peak Temp for Solder Reflow(40 second maximum exposure)...... 260°C (+0, -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
TH ERM A L DATA
LQ Plastic Micro Lead Quad Package 16-Pin
THERMAL RESISTANCE
-JUNCTION TO CASE,
θJC
3.22
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θJA
38.1
°C/W
Junction Temperature Calculation: TJ = TA + (PD x
θJA).
The
θJA numbers are guidelines for the thermal performance of the device/pc-board system. All of the
above assume no ambient airflow.
Thermal Test Board: JESD5-7 (Leaded Surface Mount Package)
PACKAGE PI N OUT
12
34
5
6
7
8
9
10
11
12
13
14
15
16
VDD
3LEL
VSS
PVSS
PVSS
VSS
EN
BW_SEL
LQ PACKAGE
(Top View)
Pb-free 100% Matte Tin Finish
FUNCTIONAL PIN DESCRIPTION
Name
Description
OUTN
Negative Audio (PWM) Output
PVDD
Positive Supply to Negative Output Stage
PVDD
Positive Supply to Positive Output Stage
OUTP
Positive Audio (PWM) Output
PVSS
Negative Supply to Positive Output Stage (ground)
VSS
Negative Supply to Analog Stage (ground)
EN
Enable Pin, Active High.
BW_SEL
Bandwidth Selection Pin:
VDD 300Hz HP filter
VSS No HP (< 20Hz)
GAIN
Gain Selection Pin:
Tied to VDD Gain = 14dB
Tied to VSS Gain = 8dB
VINN
Negative Audio Input
VINP
Positive Audio Input
TOVL
Thermal Overload Indicator Output, Active HIGH.
VDD
Analog Positive Power Supply
3LVL
Three Level Modulation Selection Pin:
Tied to VSS 2 LEVEL PWM Modulation Scheme, +PVDD | -PVDD;
Tied to VDD 3 LEVEL PWM Modulation Scheme, +PVDD | PVSS | -PVDD;
VSS
Negative Power Supply to Analog Stage
PVSS
Negative Supply to Negative Output Stage (ground)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com