Electronic Components Datasheet Search
  English  ▼

X  

LX1689 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX1689
Description  Third Generation CCFL Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1689 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX1689 Datasheet HTML 1Page - Microsemi Corporation LX1689 Datasheet HTML 2Page - Microsemi Corporation LX1689 Datasheet HTML 3Page - Microsemi Corporation LX1689 Datasheet HTML 4Page - Microsemi Corporation LX1689 Datasheet HTML 5Page - Microsemi Corporation LX1689 Datasheet HTML 6Page - Microsemi Corporation LX1689 Datasheet HTML 7Page - Microsemi Corporation LX1689 Datasheet HTML 8Page - Microsemi Corporation LX1689 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2000
Rev. 1.1, 2006-02-27
LX1689
Third Generation CCFL Controller
PRODUCTION DATA SHEET
TM
®
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (V_BATT)................................................................................................. 30V
Digital Input (ENABLE)..................................................................................... -0.3V to 7V
Analog Inputs Transient Peak (I_SNS, OC_SNS, OV_SNS)..............................-25V to +25V
Analog Inputs (BRITE_IN, EA_IN).................................................................. -0.3V to 5.5V
Digital Inputs (DIM_CLK,DIM_MODE, DIV_248) ......................................... -0.3V to 5.5V
Digital Output (AOUT, BOUT) .................................................................-0.3V to VDD_P +0.5V
Analog Outputs (BRITE_C, I_R, BRITE_OUT, BRITE_R, EA_OUT) ...-0.3V to VDD_A_ +0.5V
Storage Temperature Range ........................................................................ -65°C to 150°C
Maximum Operating Junction Temperature...............................................................150°C
RoHS / Pb-free Peak Package Solder Reflow Temperature
(40 second maximum exposure).....................................................................260°C (+0,-5)
Note:
Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal.
PACKAGE PIN OUT
A
OUT
V_BATT
OV_SNS
I_SNS
ENABLE
VDD_P
BRITE_R
DIM_MODE
BRITE_IN
DIM_CLK
OC_SNS
EA_IN
BRITE_C
GND
VDD_A
B
OUT
DIV_248
EA_OUT
BRITE_OUT
I_R
1
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
PW PACKAGE
(Top View)
RoHS / Pb-free 100% Matte Tin Lead Finish
TH ERMAL DATA
PW Plastic TSSOP 20-Pin
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θ
JA
144°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board
system. All of the above assume no ambient airflow.
FUNCTIONAL PIN DESCRIPTION
PIN NAME
DESCRIPTION
GND
Ground
VDD_P
Power VDD_P Supply Output. This output pin is used to connect an external capacitor to stabilize and filter the
on chip VDD_P LDO regulator. The input of the LDO is the switched V_BATT supply. LDO output is normally 5.3V
and is used only to drive the output buffers at AOUT and BOUT. The external capacitor will be a 100 to 1000nF
ceramic dielectric. Up to 5mA DC additional load may be imposed by external circuitry. External load must be
reduced if the combination of output current and input voltage exceeds power dissipation capability of the die.
AOUT
A buffer N-FET driver output. The pin includes a internal 10K pull down resistor.
VDD_A
Analog VDD_A Supply Output. This output pin is used to connect an external capacitor to stabilize and filter the
on chip VDD_A LDO regulator. The input of the LDO is the switched V_BATT supply. LDO output is normally
2.95V and is used to drive all circuitry except the output buffers at AOUT and BOUT. Average internal load is
6mA. Up to 5mA DC additional load may be imposed by external circuitry. External load must be reduced if the
combination of output current and input voltage exceeds power dissipation capability of the die. The external
capacitor will be a 100 to 1000nF ceramic dielectric type.
BOUT
B buffer N-FET driver output. The pin includes a internal 10K pull down resistor.
V_BATT
Voltage Input, 3 to 28V input range. V_BATT is switched (see ENABLE) to remove power from chip. Two LDO
regulators follow the switch, one generates VDD_P (see VDD_P) and the other VDD_A (see VDD_A). Care
must be taken in power distribution design to minimize transients and noise coupling from the VDD_P output to
the VDD_A output. The external capacitor will be a 100 to 1000nF ceramic dielectric type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com