Electronic Components Datasheet Search
  English  ▼

X  

LX1736 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX1736
Description  5V 1.25A 1.0MHz PWM/PFM STEP DOWN REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1736 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX1736 Datasheet HTML 1Page - Microsemi Corporation LX1736 Datasheet HTML 2Page - Microsemi Corporation LX1736 Datasheet HTML 3Page - Microsemi Corporation LX1736 Datasheet HTML 4Page - Microsemi Corporation LX1736 Datasheet HTML 5Page - Microsemi Corporation LX1736 Datasheet HTML 6Page - Microsemi Corporation LX1736 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LX1736
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
5V 1.25A 1.0MHz PWM/PFM STEP DOWN REGULATOR
TM
®
Copyright
© 2007
Rev. 1.1., 11/25/2008
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VCC or VPWR) ..................................................................... -0.3V to 7.0V
SW to GND........................................................................................ -0.3V to (VIN + 0.3V)
VFB to GND................................................................................................... -0.3V to +2V
SW Peak Current .....................................................................................Internally Limited
Junction Operating Temperature Range........................................................0°C to +125°C
Storage Temperature Range, TA..................................................................-65°C to 150°C
Maximum Junction Temperature ............................................................................... 150°C
Package Peak Temp. for Solder Reflow (40 seconds max. exposure)........... 260°C (+0, -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
THERMAL DATA
LD Plastic MLP 3x3mm MO-229, 6-Pin
THERMAL RESISTANCE
-JUNCTION TO CASE,
θ
JC
4
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
25 to 50
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system. All of
the above assume no ambient airflow.
PACKAGE PIN OU T
FB
GND
SW
VPWR
VCC
NC
1
2
3
4
5
6
LD PACKAGE
(Top View)
RoHS / Pb-free 100% matte Tin Pin Finish
FUNCTIO N AL PIN DESCRIPTION
Name Pin #
Description
VCC
5
Unregulated supply voltage input, ranging from +4V to 6.0V for internal analog control circuitry.
VPWR
4
Unregulated supply voltage input (+4V to 6.0V), high current path, supplies PMOSFET Drain of PWM switch.
FB
1
Feedback input for setting programming output voltage.
GND
2
Circuit ground for IC analog circuitry and high frequency gate drive bias, exposed pad area on bottom of
package may be connected to ground or left floating.
SW
3
Inductor and commutation diode connection point. Connects to internal PMOSFET Source of PWM Switch
output.
RECOMM ENDED OPERATING CONDITIONS
LX1736
Parameter
Symbol
Min
Typ
Max
Unit
Input Operating Voltage Range
VIN
4.5
5.5
V
Continuous Output Current Range
IOUT
0
0.9
A
Output Voltage Range
VOUT
0.8
80% of VIN V
Operating Junction Temperature
TJ
0
125
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com