Electronic Components Datasheet Search
  English  ▼

X  

LX1741CLM Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LX1741CLM
Description  High Efficiency High Voltage Boost Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1741CLM Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button LX1741CLM Datasheet HTML 3Page - Microsemi Corporation LX1741CLM Datasheet HTML 4Page - Microsemi Corporation LX1741CLM Datasheet HTML 5Page - Microsemi Corporation LX1741CLM Datasheet HTML 6Page - Microsemi Corporation LX1741CLM Datasheet HTML 7Page - Microsemi Corporation LX1741CLM Datasheet HTML 8Page - Microsemi Corporation LX1741CLM Datasheet HTML 9Page - Microsemi Corporation LX1741CLM Datasheet HTML 10Page - Microsemi Corporation LX1741CLM Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 7
Copyright
© 2000
Rev. 1.1b, 2005-03-03
LX1741
High Efficiency High Voltage Boost Controller
PRODUCTION DATA SHEET
I N T E GRA T ED
PR ODUC T S
APPLI CATI ON I N FORMATI O N
FUNCTIONAL DESCRIPTION
The LX1741 is a Pulse Frequency Modulated (PFM)
boost converter that is optimized for large step up voltage
applications like LCD biasing. It operates in a pseudo-
hysteretic mode with a fixed switch “off time” of 300ns.
Converter switching is enabled when the feedback voltage,
VFB, falls below the 1.29V reference or VADJ (see Block
Diagram). When this occurs, comparator A activates the
off-time controller. The off-time controller and the current
limiter circuit activate comparator B which toggles the
NDRV output circuit. The NDRV output is switched “on”
(and remains “on”) until the inductor current ramps up to
the peak current level. This current level is set via the
external RCS resistor and monitored through the CS and
SRC inputs.
The load is powered from energy stored in the output
capacitor during the inductor charging cycle. Once the peak
inductor current value is achieved, the NDRV output is
turned off (off-time is typically 300ns) allowing a portion of
the energy stored in the inductor to be delivered to the load.
This causes the output voltage to continue to rise at the
input to the feedback circuit (i.e., comparator A). If the
voltage at the FB input is still less than 1.29V at the end of
the off-time period, the NDRV output switches the external
FET “on” and the inductor charging cycle repeats until VFB
is greater than the internal reference.
This switching
behavior is shown in Figure 9 and 11.
The application of an external voltage source at the ADJ
pin allows for output voltage adjustment over a typical
range of approximately ±15%. The designer can select one
of two possible methods.
One option is to vary the
reference voltage directly at the ADJ pin by applying a DC
voltage from 0.9 to 1.5V. The second option is to connect a
PWM logic signal to the ADJ pin (e.g., see Figure 2). The
LX1741 includes an internal 50pF capacitor to ground that
works with an external resistor to create a low-pass filter
(i.e., filter out the AC component of a pulse width
modulated input of fPWM ≥ 100KHz).
The adjustment voltage level is selectable (with limited
accuracy) by implementing the voltage divider created
between the external series resistor and the internal 2.5MΩ
resistor. If the DC voltage at the ADJ pin drops below
0.6V, the device will revert to the internal reference voltage
level of 1.29V. A typical adjustment curve is shown in
Figure 8 (see section titled: Characteristic Curves).
Disabling the LX1741 is achieved by driving the SHDN pin
with a low-level logic signal thus reducing the device power
consumption to less than 1µA.
OUTPUT VOLTAGE PROGRAMMING
Selecting the appropriate values for R1 and R2 in the
voltage divider connected to the feedback pin programs the
output voltage. Using a value of 49.9K for R2 works well
in most applications.
R1 can be determined by the
following equation (where VREF = 1.29V nominal):
()
V
V
-
V
R2
R1
REF
REF
OUT
×
=
DESIGN EXAMPLE:
Let R2 equals 49.9K and the required VOUT equal to
18V.
()
Ω
=
×
Ω
=
K
4
.
646
49.9K
R1
1.29V
1.29V
-
18V
INDUCTOR SELECTION AND CURRENT LIMIT
PROGRAMMING
Setting the level of peak inductor current to, at least, 1.5x
the expected maximum DC input current will minimize the
inductor size, the input ripple current, and the output ripple
voltage. The designer is encouraged to use inductors that
will not saturate at the peak inductor current level. An
inductor value of 47µH is recommended. Choosing a lower
value emphasizes peak current overshoot while choosing a
higher value emphasizes output ripple voltage. The peak
switch current is defined using a resistor placed between the
CS terminal and ground and the IPEAK equation is:
CS
SCALE
D
IN
MIN
PEAK
R
I
t
L
V
I
I
⎟⎟
⎟
⎠
⎞
⎜⎜
⎜
⎝
⎛
⎟
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎜
⎝
⎛
+
+
=
The maximum IPEAK value is limited by the ISRC value
(max. = 0.8ARMS). The minimum IPEAK value is defined
when RCS is zero. A typical value for the minimum peak
current (IMIN) at 25
oC is 145mA. The parameter tD is related
to internal operation of comparator A. A typical value at
25oC is 620ns. A typical value of ISCALE at 25
oC is 31mA
per KΩ. All of these parameters have an effect on the final
IPEAK value.
DESIGN EXAMPLE:
Determine IPEAK where VIN equals 3.0V and RCS equals
4.02KΩ using nominal values for all other parameters.
4.02KΩ
kΩ
31mA
620ns
H
47
3.0V
145mA
IPEAK
×
+
×
+
=
⎟
⎠
⎞
⎜
⎝
⎛
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
µ
The result of this example yields a nominal IPEAK equal to
145mA + 39.6mA + 124.6ma = 309.2mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com