Electronic Components Datasheet Search
  English  ▼

X  

LX1971 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX1971
Description  Wide Range Visible Light Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1971 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX1971 Datasheet HTML 1Page - Microsemi Corporation LX1971 Datasheet HTML 2Page - Microsemi Corporation LX1971 Datasheet HTML 3Page - Microsemi Corporation LX1971 Datasheet HTML 4Page - Microsemi Corporation LX1971 Datasheet HTML 5Page - Microsemi Corporation LX1971 Datasheet HTML 6Page - Microsemi Corporation LX1971 Datasheet HTML 7Page - Microsemi Corporation LX1971 Datasheet HTML 8Page - Microsemi Corporation LX1971 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2003
Rev. 1.1b,2005-08-10
LX1971
Wide Range Visible Light Sensor
PRODUCTION DATA SHEET
I N T E GRA T ED
PR ODUC T S
ABSOLUTE MAXIMUM RATINGS
VDD ................................................................................................................. -0.3 to 6 VDC
SNK/SRC (Output Compliance Voltage)........................................... -0.3 to VDD + 0.3VDC
SNK/SRC (Maximum Output Current)................................................... Internally Limited
Operating Temperature Range ........................................................................ -40 to +85°C
Storage Temperature Range.......................................................................... -40 to +100°C
Solder Reflow Peak Temperature (Soldering 10 seconds) .........................................240
°C
Notes: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal.
Solder reflow to follow: IPC/JEDEC J-STD-020B 7/02 Pb-SN Small Body Profile
TH ERMAL DATA
DU Plastic MSOP 8-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
206
°C/W
THERMAL RESISTANCE
-JUNCTION TO CASE,
θ
JC
39
°C/W
PACKAGE PIN OUT
VSS
NC
NC
SNK
VDD
NC
NC
SRC
1
2
3
5
4
6
7
8
DU PACKAGE
(Top View)
1
2
3
4
5
6
7
8
DU PACKAGE
(Bottom View)
xxxx = Denotes Date Code / Lot Information
RoHS / Pb-free Gold Lead Finish
MSL 2 / 260°C / 1 Year
FUNCTIONAL PIN DESCRIPTION
NAME
DESCRIPTION
VDD
Input Supply Voltage
VSS
Ground Reference for Power and Signal Output
SNK
Output Current Sink
SRC
Output Current Source
SIMPLIFIED BLOCK DIAGRAM
PACKAGE PHOTO
V
DD
V
SS
SNK
SRC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com