Electronic Components Datasheet Search
  English  ▼

X  

IP1543 Datasheet(PDF) 4 Page - Seme LAB

Part # IP1543
Description  POWER SUPPLY SUPERVISORY CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP1543 Datasheet(HTML) 4 Page - Seme LAB

  IP1543 Datasheet HTML 1Page - Seme LAB IP1543 Datasheet HTML 2Page - Seme LAB IP1543 Datasheet HTML 3Page - Seme LAB IP1543 Datasheet HTML 4Page - Seme LAB IP1543 Datasheet HTML 5Page - Seme LAB IP1543 Datasheet HTML 6Page - Seme LAB IP1543 Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IL = –10mA
VIND = 40V
VPIN6 = 2.7V
VPIN7 = 2.3V
CD = 0
TJ = 25°C
VPIN6 = 2.7V
VPIN7 = 2.3V
CD = 0
TJ = 25°C
Pin 12 = Open
VCM = 0
Pin 12 = Open
VCM = 0
10k
Ω from Pin 12 to Gnd
VCM = 0 to 12V
VIN = 15V
Pin 12 = Open
VCM = 0
IL = –10mA
VIND = 40V
AV = 0dB
TJ = 25°C
Voverdrive = 100mV
TJ = 25°C
Indicate Saturation
Indicate Leakage
Propagation Display
Input Voltage Range
Input Bias Current
Input Offset Voltage
CMRR
AVOL
Output Saturation
Output Leakage
Small Signal Bandwidth
Propagation Delay
IP1543
IP3543
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
0.2
0.5
0.01
1
400
10
0VIN – 3
–0.3
–1
015
70
100
130
60
70
72
80
0.2
0.5
0.01
1
5
200
0.2
0.5
0.01
1
400
10
0VIN – 3
–0.3
–1
010
70
100
130
60
70
72
80
0.2
0.5
0.01
1
5
200
V
µA
ns
ms
V
µA
mV
dB
V
µA
MHz
ns
LAB
SEME
IP1543 SERIES
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 1/96
NOTES
1. Test Conditions unless otherwise stated:
VIN = 10V
TJ = –55 to +125°C
for IP1543
TJ = 0 to +70°C
for IP3543
ELECTRICAL CHARACTERISTICS (TJ = Over Operating Temperature Range unless otherwise stated)
COMPARATOR SECTIONS (cont.)
CURRENT LIMIT SECTION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com