Electronic Components Datasheet Search
  English  ▼

X  

LX5503 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # LX5503
Description  InGaP HBT 5-6GHz Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5503 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button LX5503 Datasheet HTML 5Page - Microsemi Corporation LX5503 Datasheet HTML 6Page - Microsemi Corporation LX5503 Datasheet HTML 7Page - Microsemi Corporation LX5503 Datasheet HTML 8Page - Microsemi Corporation LX5503 Datasheet HTML 9Page - Microsemi Corporation LX5503 Datasheet HTML 10Page - Microsemi Corporation LX5503 Datasheet HTML 11Page - Microsemi Corporation LX5503 Datasheet HTML 12Page - Microsemi Corporation LX5503 Datasheet HTML 13Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
LX5503
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 9
InGaP HBT 5-6GHz Power Amplifier
Copyright
© 2000
Rev. 1.2d, 8/18/2005
TM
®
CHARTS
Power, EVM & Current for High Quiescent Current
(Recommended for High Gain Operation)
(Vc=3.3V, Vref=2.98V, Icq=160 mA, Freq.=5.25GHz)
Power & Gain vs. Pout
-22 -20 -18 -16 -14 -12 -10
-8
-6
-4
-2
0
2
4
6
Pin (dBm)
0
5
10
15
20
25
30
Pout
Gain
EVM & Total Current vs. Pout
13
14
15
16
17
18
19
20
Pout (dBm)
0
1
2
3
4
5
6
7
8
100
150
200
250
300
EVM_in
EVM_out
Ictotal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com