Electronic Components Datasheet Search
  English  ▼

X  

S2N7002 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S2N7002
Description  N-Ch Small Signal MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S2N7002 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S2N7002 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S2N7002 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
S2N7002
115 mA, 60 V, R
DS(ON) = 7.5
Ω
N-Ch Small Signal MOSFET
24-Nov-2009 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
1
Gate
Drain
3
702
W
702 =Device Code
W =Date Code
2
Source
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Pb-Free Package is Available
PACKAGING INFORMATION
MAXIMUM RATINGS (at T
A = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Drain-Source Voltage
VDSS
60
Vdc
Drain-Gate Voltage(RGS=1.0 M )
VDGR
60
Vdc
TC=25°C
1
±115
mAdc
Continuous Drain Current
TC=100°C
1
ID
±75
mAdc
Pulsed Drain Current
2
IDM
±800
mAdc
Continuous Gate-Source Voltage
VGS
±20
Vdc
Non-Repetitive Gate-Source Voltage(tP
5
≦
0
µS)
VGSM
±40
Vpk
THERMAL CHARACTERISTICS
TA=25°C
225
mW
Total Device Dissipation
FR-5 Board
3
Derate above 25°C
PD
1.8
mW/°C
Thermal Resistance, Junction to Ambient
R
θJA
556
°C/W
Junction and Storage Temperature
TJ, TSTG
-55~150
°C
Note: 1. The Power Dissipation of the package may result in a lower continuous drain current.
2. Pulse Test: Pulse Width ≦300
µs, Duty Cycle ≦ 2.0%
3. FR-5 = 1.0 x 0.75 x 0.062 in.
4. Alumina = 0.4 x 0.3 x 0.025 in 99.5% alumina
ELECTRICAL CHARACTERISTICS (at T
A = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITION
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
V(BR)DSS
60
-
-
Vdc
VGS = 0, ID = 10
µAdc
TJ =25°C
-
-
1.0
Zero Gate Voltage Drain Current
TJ =125°C
IDSS
-
-
500
µAdc V
GS=0, VDS = 60Vdc
Gate-Body Leakage Current, Forward
IGSSF
-
-
100
nAdc
VGS=20Vdc
Gate-Body Leakage Current, Reverse
IGSSR
-
-
-100
nAdc
VGS=-20Vdc
ON CHARACTERISTICS
1
Gate Threshold Voltage
VGS(th)
1.0
1.6
2.5
Vdc
VDS = VGS, ID =250
µAdc
On-State Drain Current
ID(ON)
500
-
-
mA
VDS
2.0V
≧
DS(ON),VGS=10Vdc
-
-
3.75
VGS=10Vdc, ID =500mAdc
Static Drain-Source On-State Voltage
VDS(ON)
-
-
0.375
Vdc
VGS=5Vdc, ID =50mAdc
-
1.4
7.5
VGS=10Vdc, ID =500mAdc
Static Drain-Source On-State Resistance
(TA=25°C)
RDS(ON)
-
1.8
7.5
VGS=5Vdc, ID =50mAdc
-
-
13.5
VGS=10Vdc, ID =500mAdc
Static Drain-Source On-State Resistance
(TA=125°C)
RDS(ON)
-
-
13.5
VGS=5Vdc, ID =50mAdc
Forward Transconductance
gFS
80
-
-
mmhos VDS
2V
≧
DS(ON),ID =200mAdc
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
-
17
50
pF
VDS=25Vdc, VGS=0, f=1MHz
Output Capacitance
Coss
-
10
25
pF
VDS=25Vdc, VGS=0, f=1MHz
Reverse Transfer Capacitance
Crss
-
2.5
5.0
pF
VDS=25Vdc, VGS=0, f=1MHz
SWITCHING CHARACTERISTICS
1
Turn-On Delay Time
td(ON)
-
7
20
Turn-Off Delay Time
td(OFF)
-
11
40
nS
VDD=25Vdc, ,ID
≅500mAdc
RG=25 ,RL=50 , VGEN=10V
BODY-DRAIN DIODE RATINGS
Diode Forward On-Voltage
VSD
-
-
-1.5
Vdc
IS=11.5mAdc,VGS=0V
Source Current Continuous(Body Diode)
IS
-
-
-115
mAdc
Source Current Pulsed
ISM
-
-
-800
mAdc
Note: 1. Pulse Test: Pulse Width ≦300
µs, Duty Cycle ≦ 2.0%
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.80
3.04
G
0.013
0.10
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.80
2.00
L
0.89
1.02
F
0.30
0.50
SOT-23
1
Gate
2
Source
Drain
3


Similar Part No. - S2N7002

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002DW SECOS-S2N7002DW Datasheet
252Kb / 3P
Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
S2N7002DW VBSEMI-S2N7002DW Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
S2N7002DW SECOS-S2N7002DW_15 Datasheet
252Kb / 3P
Dual N-Channel MOSFET
logo
ON Semiconductor
S2N7002ET1G ONSEMI-S2N7002ET1G Datasheet
205Kb / 6P
Small Signal MOSFET Single N?묬hannel, 60 V, 310 mA, 2.5 Ohm
June, 2019 ??Rev. 7
S2N7002ET7G ONSEMI-S2N7002ET7G Datasheet
205Kb / 6P
Small Signal MOSFET Single N?묬hannel, 60 V, 310 mA, 2.5 Ohm
June, 2019 ??Rev. 7
More results

Similar Description - S2N7002

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BS170 ONSEMI-BS170 Datasheet
52Kb / 4P
Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
logo
Fairchild Semiconductor
2N7002MTF FAIRCHILD-2N7002MTF_01 Datasheet
116Kb / 5P
N-Channel Small Signal MOSFET
logo
SeCoS Halbleitertechnol...
2N7002KG SECOS-2N7002KG Datasheet
680Kb / 5P
N-Ch Small Signal MOSFET with Gate Protection
2N7002K SECOS-2N7002K Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
2N7002KW SECOS-2N7002KW Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
S2N7002W SECOS-S2N7002W Datasheet
93Kb / 3P
N-Ch Small Signal MOSFET
2N7002KW SECOS-2N7002KW_15 Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
S2N7002 SECOS-S2N7002_15 Datasheet
147Kb / 2P
N-Ch Small Signal MOSFET
logo
SEC Electronics Inc.
2N7002K SECELECTRONICS-2N7002K Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
2N7002KW SECELECTRONICS-2N7002KW Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com