Electronic Components Datasheet Search
  English  ▼

X  

S8550T Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S8550T
Description  General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S8550T Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S8550T Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S8550T Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
S8550T
PNP Silicon
General Purpose Transistor
01-June-2007 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
2.54
(1.27 Typ.)
13
2
1: Emitter
2: Base
3: Collector
1.25
4.55 0.2
0.1
0.1
0.2
0.2
3.5
0.46
0.43 0.07
0.08
TO-92
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
Excellent hFE linearity
ABSOLUTE MAXIMUM RATINGS at Ta = 25°C
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-40
V
Collector to Emitter Voltage
VCEO
-25
V
Emitter to Base Voltage
VEBO
-5
V
Collector Currrent
IC
-500
mA
Total Power Dissipation
PD
625
mW
Junction, Storage Temperature
TJ, TSTG
+150, -55 ~ +150
℃
ELECTRICAL CHARACTERISTICS (TAMB = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base Breakdown Voltage
V(BR)CBO
-40
-
-
V
IC = -100 μA, IE = 0
Collector-emitter Breakdown Voltage
V(BR)CEO
-25
-
-
V
IC = -1 mA, IB = 0
Emitter-base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE = -100 μA, IC = 0
Collector Cut-off Current
ICBO
-
-
-0.1
μA
VCB = -40 V, IE = 0
Collector Cut-off Current
ICEO
-
-
-0.1
μA
VCE = -20 V, IB = 0
Emitter Cut-off Current
IEBO
-
-
-0.1
μA
VEB = -3 V, IC = 0
hFE(1)
85
-
400
VCE = -1 V, IC = -50 mA
DC Current Gain
hFE(2)
50
-
-
VCE = -1 V, IC = -500 mA
Collector-emitter Saturation Voltage
VCE(sat)
-
-
-0.6
V
IC = -500 mA, IB = -50 mA
Base-emitter Saturation Voltage
VBE(sat)
-
-
-1.2
V
IC = -500 mA, IB = -50 mA
Transition Frequency
f T
150
-
-
MHz
VCE = -6 V, IC= -20 mA, f = 30 MHz
CLASSIFICATION OF hFE
Rank
B
C
D
D3
Range
85 - 160
120 - 200
160 - 300
300 - 400


Similar Part No. - S8550T

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S8550T SECOS-S8550T_15 Datasheet
349Kb / 2P
General Purpose Transistor
More results

Similar Description - S8550T

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com